Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 59Page - NXP Semiconductors LPC55S6X Datasheet HTML 60Page - NXP Semiconductors LPC55S6X Datasheet HTML 61Page - NXP Semiconductors LPC55S6X Datasheet HTML 62Page - NXP Semiconductors LPC55S6X Datasheet HTML 63Page - NXP Semiconductors LPC55S6X Datasheet HTML 64Page - NXP Semiconductors LPC55S6X Datasheet HTML 65Page - NXP Semiconductors LPC55S6X Datasheet HTML 66Page - NXP Semiconductors LPC55S6X Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
63 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
Two identical DMA controllers are provided on the LPC55S6x. The user may elect to
dedicate one of these to CPU0 and the other for use by the CPU1 and/or one may be
used as a secure DMA the other non-secure.
7.29.1.1 Features
• DMA0: 22 channels, 21 of which are connected to peripheral DMA requests. These
come from the Flexcomm (USART, SPI, I2C, and I2S), high-speed SPI interface,
ADC, AES, and SHA interfaces. 22 trigger sources are available.
• DMA1: 10 channels, 9 of which are connected to peripheral DMA requests. These
come from the Flexcomm Interfaces (0, 1, and 3), high-speed SPI interface, AES, and
SHA interfaces. 15 trigger sources are available.
• DMA operations can be triggered by on-chip or off-chip events.
• Priority is user selectable for each channel (up to eight priority levels).
• Continuous priority arbitration.
• Address cache with four entries.
• Efficient use of data bus.
• Supports single transfers up to 1,024 words.
• Address increment options allow packing and/or unpacking data.
7.29.2 Programmable Logic Unit (PLU)
The PLU is comprised of 26 5-input LUT elements. Each LUT element contains a 32-bit
truth table (look-up table) register and a 32:1 multiplexer. During operation, the five LUT
inputs control the select lines of the multiplexer. This structure allows any desired logical
combination of the five LUT inputs.
7.29.2.1 Features
• The Programmable Logic Unit is used to create small combinatorial and/or sequential
logic networks including simple state machines.
• The PLU is comprised of an array of 26 inter-connectable, 5-input Look-up Table
(LUT) elements, and four flip-flops.
• Eight primary outputs can be selected using a multiplexer from among all of the LUT
outputs and the four flip-flops.
• An external clock to drive the four flip-flops must be applied to the PLU_CLKIN pin if a
sequential network is implemented.
• Programmable logic can be used to drive on-chip inputs/triggers through external
pin-to-pin connections.
• A tool suite is provided to facilitate programming of the PLU to implement the logic
network described in a Verilog RTL design.
• Any of the eight selected PLU outputs can be enabled to contribute to an
asynchronous wake-up or an interrupt request from sleep and deep-sleep modes.
7.29.3 CRC engine
The Cyclic Redundancy Check (CRC) generator with programmable polynomial settings
supports several CRC standards commonly used. To save system power and bus
bandwidth, the CRC engine supports DMA transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com