Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 68Page - NXP Semiconductors LPC55S6X Datasheet HTML 69Page - NXP Semiconductors LPC55S6X Datasheet HTML 70Page - NXP Semiconductors LPC55S6X Datasheet HTML 71Page - NXP Semiconductors LPC55S6X Datasheet HTML 72Page - NXP Semiconductors LPC55S6X Datasheet HTML 73Page - NXP Semiconductors LPC55S6X Datasheet HTML 74Page - NXP Semiconductors LPC55S6X Datasheet HTML 75Page - NXP Semiconductors LPC55S6X Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
72 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
10. Static characteristics
10.1 General operating conditions
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply voltages.
[2]
Device revision 1B operates at a maximum CPU frequency of up to 150 MHz. Device revision 0A operates at a maximum CPU
frequency of up to 100 MHz.
[3]
Flash operations (erase, blank check, program) and reading single word can only be performed for CPU frequencies of up to 100 MHz.
Cannot be performed for frequencies above 100 MHz.
[4]
For device revision 1B, power library in SDK sets the DCDC output based on the frequency selected. For frequencies 100 MHz or
below, DCDC output is set between 1.0 V to 1.075 V, for frequencies between 101 MHz to 130 MHz, DCDC output is set between 1.025
V to 1.150 V and for frequencies above 130 MHz, DCDC output is set between 1.050 V to 1.2 V. For device revision 0A, the default
typical DCDC output is 1.1 V and for device revision 1B, the typical default DCDC output is 1.0 V.
Table 14.
General operating conditions
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fclk
clock frequency
internal CPU/system clock
-
-
150 [2] [3] MHz
fclk
clock frequency
For USB high-speed device and
host operations
90
-
150 [2] [3] MHz
fclk
clock frequency
For USB full-speed device and
host operations
12
-
150 [2] [3] MHz
VDD
Main IO supply
1.8
-
3.6
V
VBAT_DCDC
Supply of DCDC output stage.
DCDC core supply (references
and regulation stages)
1.8
-
3.6
V
VBAT_PMU
Analog supply
1.8
-
3.6
V
VDD_PMU [4]
Analog supply for Core. DCDC
output
1.0
-
1.2
V
USB0_3V3
USB0 analog 3.3 V supply.
3.0
-
3.6
V
USB1_3V3
USB1 analog 3.3 V supply.
3.0
-
3.6
V
VDDA
Analog supply voltage for ADC
1.8
-
3.6
V
Vrefp
ADC positive reference voltage
0.985
-
VDDA
V
Oscillator pins
Vi(rtcx)
RTC oscillator input voltage
on pin XTAL32K_P
1.8
-
3.6
V
Vo(rtcx)
RTC oscillator output voltage
on pin XTAL32K_N
1.8
-
3.6
V
Vi(xtal)
System oscillator input voltage
on pin XTAL32M_P
-
1.1
1.2
V
Vo(rtcx)
System oscillator output
voltage
on pin XTAL32M_N
-
1.1
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com