Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 79Page - NXP Semiconductors LPC55S6X Datasheet HTML 80Page - NXP Semiconductors LPC55S6X Datasheet HTML 81Page - NXP Semiconductors LPC55S6X Datasheet HTML 82Page - NXP Semiconductors LPC55S6X Datasheet HTML 83Page - NXP Semiconductors LPC55S6X Datasheet HTML 84Page - NXP Semiconductors LPC55S6X Datasheet HTML 85Page - NXP Semiconductors LPC55S6X Datasheet HTML 86Page - NXP Semiconductors LPC55S6X Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
83 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
11.3 Wake-up process
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[2]
The wake-up time measured is the time between when a GPIO input pin is triggered to wake the device up
from the low power modes and from when a GPIO output pin is set in the interrupt service routine (ISR)
wake-up handler.
[3]
FRO enabled, all peripherals off.
[4]
RTC disabled. Wake-up from deep power-down causes the part to go through entire reset
process. The wake-up time measured is the time between when the RESET pin is triggered to wake the
device up and when a GPIO output pin is set in the reset handler. Wake-up time for non-secure mode.
[5]
Compiler settings: IAR v8.40, High optimization
[6]
Applies to device revision 1B.
[7]
Applies to device revision 0A.
11.4 FRO (12 MHz/96 MHz)
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
11.5 FRO (1 MHz)
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Table 25.
Dynamic characteristic: Typical wake-up times from low power modes
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V;Tamb =25 C; using FRO as the system clock.
Symbol Parameter Conditions
Min
Typ[1][5]
Max Unit
twake
wake-up
time
from Sleep mode, 12 MHz, No
PRIMASK backup and restore
[2][3]
4.0
s
from Sleep mode, 96 MHz, No
PRIMASK backup and restore
[2][3]
500
ns
from Deep-sleep mode with full
SRAM retention:
[2]
64
s
from Power-down mode with CPU
retention and 4 KB retained
[2]
346
s
from deep power-down mode; 4KB
retained, RTC disabled; using
RESET pin.
[4][6]
4.6
ms
from deep power-down mode; 4KB
retained, RTC disabled; using
RESET pin.
[4][7]
17
ms
Table 26.
Dynamic characteristic: FRO
Tamb = 40 C to +105 C; 1.8 V VBAT_DCDC 3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
FRO clock frequency
-
11.76
12
12.24
MHz
fosc(RC)
FRO clock frequency
-
94.08
96
97.92
MHz
Table 27.
Dynamic characteristic: FRO
Tamb = 40 C to +105 C; 1.8 V VBAT_DCDC 3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
FRO clock frequency
-
0.85
1
1.15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com