Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 74 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 70Page - NXP Semiconductors LPC55S6X Datasheet HTML 71Page - NXP Semiconductors LPC55S6X Datasheet HTML 72Page - NXP Semiconductors LPC55S6X Datasheet HTML 73Page - NXP Semiconductors LPC55S6X Datasheet HTML 74Page - NXP Semiconductors LPC55S6X Datasheet HTML 75Page - NXP Semiconductors LPC55S6X Datasheet HTML 76Page - NXP Semiconductors LPC55S6X Datasheet HTML 77Page - NXP Semiconductors LPC55S6X Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
74 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
10.3 Power consumption
[1]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25
C). Characterized through bench measurements
using typical samples.
[2]
Clock source FRO. PLL disabled
[3]
Compiler settings: IAR v.8.20.2., optimization level 0, optimized for time off.
[4]
Flash is powered down
[5]
PLL enabled
[6]
For device revision 1B, power library in SDK sets the DCDC output based on the frequency selected. For frequencies 100 MHz or
below, DCDC output is set between 1.0 V to 1.075 V, for frequencies between 101 MHz to 130 MHz, DCDC output is set between 1.025
V to 1.150 V and for frequencies above 130 MHz, DCDC output is set between 1.050 V to 1.2 V. For device revision 0A, the default
typical DCDC output is 1.1 V and for device revision 1B, the typical default DCDC output is 1.0 V.
[7]
See the FLASHCFG register in the LPC55S6x User Manual for system clock flash access time settings. Power Library in SDK sets the
flash wait states based on the frequency selected.
[1]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25
C)
Table 16.
Static characteristics: Power consumption in active mode [6]
Tamb = 40 C to +105 C, unless otherwise specified. VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
ARM Cortex-M33 (CPU0) in active mode; ARM Cortex-M33 (CPU1) in sleep mode
IDD
supply current
CoreMark code executed from
SRAMX; flash powered down
CCLK = 12 MHz
[2][3]
-0.9
-mA
CCLK = 48 MHz
[2][3]
-2.1
-mA
CCLK = 60 MHz
[2][3]
-2.3
-mA
CCLK = 96 MHz
[2][3]
-3.4
-mA
CCLK = 100 MHz
[3][4]
-3.5
-mA
CCLK = 150 MHz
[3][4]
-6.2
-mA
IDD
supply current
CoreMark code executed from flash;
CCLK = 12 MHz; 2 system clock
flash access time.
[2][3][7]
-0.95
-
mA
CCLK = 48 MHz, 5 system clock
flash access time.
[2][3][7]
-2.4
-mA
CCLK = 60 MHz, 6 system clock
flash access time.
[2][3][7]
-2.6
-mA
CCLK = 96 MHz, 8 system clock
flash access time.
[2][3][7]
-3.4
-mA
CCLK = 100 MHz, 8 system clock
flash access time.
[3][4][7]
-3.5
-mA
CCLK = 150 MHz, 12 system
clock flash access time.
[3][4][7]
-5.9
-mA
Table 17.
Static characteristics: Power consumption in sleep mode
Tamb = 40 C to +105 C, unless otherwise specified. VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
ARM Cortex-M33 (CPU0) in sleep mode; ARM Cortex-M33 (CPU1) OFF (in reset, clock disabled)
IDD
supply current
CCLK = 12 MHz, PLL disabled
[1][2]
-0.7
-mA
CCLK = 96 MHz, PLL disabled
[2]
-2.7
-mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com