Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 95 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 91Page - NXP Semiconductors LPC55S6X Datasheet HTML 92Page - NXP Semiconductors LPC55S6X Datasheet HTML 93Page - NXP Semiconductors LPC55S6X Datasheet HTML 94Page - NXP Semiconductors LPC55S6X Datasheet HTML 95Page - NXP Semiconductors LPC55S6X Datasheet HTML 96Page - NXP Semiconductors LPC55S6X Datasheet HTML 97Page - NXP Semiconductors LPC55S6X Datasheet HTML 98Page - NXP Semiconductors LPC55S6X Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
95 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
11.13 SD/MMC and SDIO
Table 35.
Dynamic characteristics: SD/MMC and SDIO
Tamb = 40 C to +105 C, VDD = 1.8 V to 3.6 V; CL = 10 pF. SAMPLE_DELAY = 0, DRV_DELAY = 0 in the SDDELAY
register, SDIOCLKCTRL = 0x84, sampled at 90 % and 10 % of the signal level, SLEW = 1 ns for SD_CLK pin, SLEW = 1 ns
for SD_DATn and SD_CMD pins. Simulated values in high-speed mode. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin SD_CLK; data transfer mode
-
-
50
MHz
tsu(D)
data input set-up time
on pins SD_DATn as inputs
15
--ns
on pins SD_CMD as inputs
15
--ns
th(D)
data input hold time
on pins SD_DATn as inputs
0
--ns
on pins SD_CMD as inputs
0
--ns
tv(Q)
data output valid time
on pins SD_DATn as outputs
3-
7
ns
on pins SD_CMD as outputs
3-
7
ns
Fig 20. SD/MMC and SDIO timing
002aag204
SD_CLK
SD_DATn (O)
SD_DATn (I)
td(QV)
th(D)
tsu(D)
Tcy(clk)
th(Q)
SD_CMD (O)
SD_CMD (I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com