Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 32Page - NXP Semiconductors LPC55S6X Datasheet HTML 33Page - NXP Semiconductors LPC55S6X Datasheet HTML 34Page - NXP Semiconductors LPC55S6X Datasheet HTML 35Page - NXP Semiconductors LPC55S6X Datasheet HTML 36Page - NXP Semiconductors LPC55S6X Datasheet HTML 37Page - NXP Semiconductors LPC55S6X Datasheet HTML 38Page - NXP Semiconductors LPC55S6X Datasheet HTML 39Page - NXP Semiconductors LPC55S6X Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
36 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
PIO1_30/
WAKEUP
-F9
65
[2][8]
ZI/O 0 PIO1_30 — General-purpose digital input/output pin.
This pin can trigger a wake-up from deep power-down mode.
WAKEUP pin can be configured as rising or falling edge.
I/O 1 FC7_TXD_SCL_MISO_WS — Flexcomm 7: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word-select/frame.
I/O 2 SD0_D[7] — SD/MMC 0 data 7.
I3 SCT0_GPI7 — Pin input 7 to SCTimer/PWM.
I4 USB1_OVERCURRENTN — USB1 bus overcurrent
indicator (active low).
O5 USB1_LEDN — USB1-configured LED indicator (active
low).
6 R — Reserved.
I7 PLU_INPUT1 — PLU input 1.
PIO1_31
-
H6
91
[2]
ZI/O 0 PIO1_31 — General-purpose digital input/output pin.
I/O 1 MCLK — MCLK input or output for I2S.
O2 SD1_CLK — SD/MMC 1 card clock.
O3 CTIMER0_MAT2 — 32-bit CTimer0 match output 2.
O4 SCT0_OUT6 — SCTimer/PWM output 6.
5 R — Reserved.
6 R — Reserved.
I7 PLU_INPUT0 — PLU input 0.
8 R — Reserved.
FB
29
N9
45
-
-
Feedback node (regulated output) of DCDC converter.
LX
31
N11
48
-
-
DCDC converter power stage output.
RESETN
21
J6
32
[5]
-
I
External reset input: A LOW on this pin resets the device,
causing I/O ports and peripherals to take on their default
states, and the boot code to execute. Wakes up the part from
deep power-down mode.
USB0_3V3
61
A3
96
-
-
USB0 analog 3.3 V supply.
USB0_DM
63
A1
98
[6][8]
I/O
USB0 bidirectional D- line.
USB0_DP
62
A2
97
[6][8]
I/O
USB0 bidirectional D+ line.
USB0_VSS
64
B1
99
USB0 analog 3.3 V ground.
USB1_DM
24
N6
35
[6][8]
I/O
USB1 bidirectional D- line.
USB1_DP
23
M6
34
[6][8]
I/O
USB1 bidirectional D+ line.
USB1_VBUS 25
N8
36
[6][8]
I
VBUS pin (power on USB cable).
USB1_3V3
27
N7
38
[10]
-
-
USB1 analog 3.3 V supply.
USB1_VSS
22;26
N5
33; 37
-
-
USB1 analog 3.3 V ground.
VBAT_DCDC 32
N13
49, 50
[9]
-
-
Supply of DCDC output stage. DCDC core supply
(references and regulation stages).
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com