Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 64Page - NXP Semiconductors LPC55S6X Datasheet HTML 65Page - NXP Semiconductors LPC55S6X Datasheet HTML 66Page - NXP Semiconductors LPC55S6X Datasheet HTML 67Page - NXP Semiconductors LPC55S6X Datasheet HTML 68Page - NXP Semiconductors LPC55S6X Datasheet HTML 69Page - NXP Semiconductors LPC55S6X Datasheet HTML 70Page - NXP Semiconductors LPC55S6X Datasheet HTML 71Page - NXP Semiconductors LPC55S6X Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
68 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
7.31.5 PRINCE On-the-fly encryption/decryption
LPC55S6x devices offer support for on-the-fly encryption of date being written to flash and
decryption of encrypted on-chip flash data during read using the PRINCE encryption
algorithm. Compared to AES, PRINCE is fast as it can decrypt and encrypt in one clock
cycle. Also, it does not need extra SRAM to copy data. It operates on a block-size of 64
bits with an 128-bit key. This functionality is useful for asset protection, such as securing
application code, securing stored keys and enabling secure flash update.
7.31.6 Universally Unique Identifier (UUID)
Each LPC55S6x device consists of a unique 128-bit IETF RFC4122 compliant
non-sequential UUID. It can be read from the protected flash region (register location
0x0009_FC70 onwards).
7.32 Debug Mailbox and Authentication
The Debugger Mailbox (DM) AP offers a register based mailbox accessible by both CPUs
and the device debug port DP of the MCU. This port is always enabled and external world
can send and receive data to/from ROM. This port is used to implement NXP Debug
Authentication Protocol.
BootROM implements debug mailbox protocol to interact with tools over SWD interface.
LPC55S6x offers a debug authentication protocol as a tool to authenticate the
debugger and grant it access to the device. The debug authentication scheme on
LPC55S6x is a challenge-response scheme and assures that debugger in
possession of required debug credentials only can successfully authenticate over debug
interface and access restricted parts of the device. This protocol provides a mechanism
for a device and its debug interface to authenticate the identity and credentials of the
debugger (or user). Access right settings can be pre-configured and gets loaded into
register above upon successful debug authentication. Until debug authentication process
is successfully completed, secure part of the device is non-accessible to the debugger.
7.33 Emulation and debugging
Debug and trace functions are integrated into the Arm Cortex-M33 (CPU0 and CPU1)
Serial wire debug and trace function (Serial Wire Output) are supported. Eight breakpoints
and four watch points are supported. In addition, JTAG boundary scan mode is provided.
The Arm SYSREQ reset is supported and causes the processor to reset the peripherals,
execute the boot code, restart from address 0x0000 0000, and break at the user entry
point.
The SWD pins are multiplexed with other digital I/O pins. On reset, the pins assume the
SWD functions by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com