Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 72Page - NXP Semiconductors LPC55S6X Datasheet HTML 73Page - NXP Semiconductors LPC55S6X Datasheet HTML 74Page - NXP Semiconductors LPC55S6X Datasheet HTML 75Page - NXP Semiconductors LPC55S6X Datasheet HTML 76Page - NXP Semiconductors LPC55S6X Datasheet HTML 77Page - NXP Semiconductors LPC55S6X Datasheet HTML 78Page - NXP Semiconductors LPC55S6X Datasheet HTML 79Page - NXP Semiconductors LPC55S6X Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
76 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
[1]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25
C), nominal supply voltages.
[1]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25
C), nominal supply voltages.
Table 19.
Static characteristics: ADC Power consumption
Tamb = 40 C to +105 C, unless otherwise specified.0.985 V VREFP VDDA V; 1.8 V VDDA 3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDDA
analog supply current
ADC on; sampling a single channel -
0.7
-
mA
ADC in low power mode; PWRSEL
= 0
-0.6
-mA
Deep-sleep mode, ADC off
-
10
-
nA
Power-down mode, ADC off
-
6
-
nA
Deep power-down mode, ADC off
-
5
-
nA
IDD(VREFP)
supply current on pin
VREFP
ADC on; sampling a single channel -
0.1
-
mA
ADC in low power mode; ADC in
low power mode; PWRSEL = 0
-0.1
-mA
Table 20.
Static characteristics: USB Power consumption
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD(VBUS)
VBUS supply current for
USB1
Power-down
mode/Deep-power-down mode
-6
-
A
Conditions: all oscillators and analog blocks disabled. All SRAM blocks enabled.
Fig 8.
Deep-sleep mode: Typical supply current IDD versus temperature for different
supply voltages VBAT_DCDC
-40
-10
20
50
80
110
0
300
600
900
1200
1500
temperature (°C)
current
current
current
(uA)
(uA)
(uA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com