Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC55S6X Datasheet HTML 1Page - NXP Semiconductors LPC55S6X Datasheet HTML 2Page - NXP Semiconductors LPC55S6X Datasheet HTML 3Page - NXP Semiconductors LPC55S6X Datasheet HTML 4Page - NXP Semiconductors LPC55S6X Datasheet HTML 5Page - NXP Semiconductors LPC55S6X Datasheet HTML 6Page - NXP Semiconductors LPC55S6X Datasheet HTML 7Page - NXP Semiconductors LPC55S6X Datasheet HTML 8Page - NXP Semiconductors LPC55S6X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
3 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
I2C-bus interfaces support Fast-mode and Fast-mode Plus with data rates of up to
1Mbit/s and with multiple address recognition and monitor mode. Two sets of true
I2C pads also support high-speed Mode (3.4 Mbit/s) as a slave.
USB 2.0 full speed host/device controller with on-chip PHY and dedicated DMA
controller supporting crystal-less operation in device mode using software library
example in technical note (TN00063).
USB 2.0 high-speed host/device controller with on-chip high-speed PHY.
Digital peripherals:
DMA0 controller with 23 channels and up to 22 programmable triggers, able to
access all memories and DMA-capable peripherals.
DMA1 controller with 10 channels and up to 15 programmable triggers, able to
access all memories and DMA-capable peripherals.
Secured digital input/output (SD/MMC and SDIO) card interface with DMA support.
SDIO with support for up to two cards. Supported card types are MMC, SDIO, and
CE-ATA. Supports SD2.0, and SDR25 (52MHz).
CRC engine block can calculate a CRC on supplied data using one of three
standard polynomials with DMA support.
Up to 64 General-Purpose Input/Output (GPIO) pins.
GPIO registers are located on the AHB for fast access. The DMA supports GPIO
ports.
Up to eight GPIOs can be selected as pin interrupts (PINT), triggered by rising,
falling or both input edges.
Two GPIO grouped interrupts (GINT) enable an interrupt based on a logical
(AND/OR) combination of input states.
I/O pin configuration with support for up to 16 function options.
Programmable Logic Unit (PLU) to create small combinatorial and/or sequential
logic networks including state machines.
Security Features:
ARM TrustZone® enabled.
AES-256 encryption/decryption engine with keys fed directly from PUF or a
software supplied key
Secure Hash Algorithm (SHA2) module supports secure boot with dedicated DMA
controller.
Physical Unclonable Function (PUF) using dedicated SRAM for silicon fingerprint.
PUF can generate, store, and reconstruct key sizes from 64 to 4096 bits. Includes
hardware for key extraction.
True Random Number Generator (TRNG).
128 bit unique device serial number for identification (UUID).
Secure GPIO.
Timers:
Five 32-bit standard general purpose asynchronous timers/counters, which support
up to four capture inputs and four compare outputs, PWM mode, and external
count input. Specific timer events can be selected to generate DMA requests.
One SCTimer/PWM with 8 input and 10 output functions (including 16 capture and
match registers). Inputs and outputs can be routed to or from external pins and
internally to or from selected peripherals. Internally, the SCTimer/PWM supports 16
captures/matches, 16 events, and 32 states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com