Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 42Page - NXP Semiconductors LPC55S6X Datasheet HTML 43Page - NXP Semiconductors LPC55S6X Datasheet HTML 44Page - NXP Semiconductors LPC55S6X Datasheet HTML 45Page - NXP Semiconductors LPC55S6X Datasheet HTML 46Page - NXP Semiconductors LPC55S6X Datasheet HTML 47Page - NXP Semiconductors LPC55S6X Datasheet HTML 48Page - NXP Semiconductors LPC55S6X Datasheet HTML 49Page - NXP Semiconductors LPC55S6X Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
46 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
7.20 AHB peripherals
Table 8 provides details of the addresses for AHB peripherals. AHB peripherals have both
secure and non-secure access possibilities.
Table 8.
AHB peripheral memory map
AHB
port
Non-secure
base address
Secure
base address
Peripheral
8
0x4008 2000
0x5008 2000
DMA0 registers.
0x4008 4000
0x5008 4000
FS USB Device registers.
0x4008 5000
0x5008 5000
SCTimer/PWM.
0x4008 6000
0x5008 6000
Flexcomm Interface 0.
0x4008 7000
0x5008 7000
Flexcomm Interface 1.
0x4008 8000
0x5008 8000
Flexcomm Interface 2.
0x4008 9000
0x5008 9000
Flexcomm Interface 3.
0x4008 A000
0x5008 A000
Flexcomm Interface 4.
0x4008 B000
0x5008 B000
Inter-CPU Mailbox.
0x4008 C000
0x5008 C000
High Speed GPIO.
9
0x4009 4000
0x5009 4000
HS USB device registers.
0x4009 5000
0x5009 5000
CRC Engine.
0x4009 6000
0x5009 6000
Flexcomm Interface 5.
0x4009 7000
0x5009 7000
Flexcomm Interface 6.
0x4009 8000
0x5009 8000
Flexcomm Interface 7.
0x4009 B000
0x5009 B000
SDIO registers.
0x4009 C000
0x5009 C000
Debug Mailbox (DM-AP).
0x4009 F000
0x5009 F000
High Speed SPI.
10
0x400A 0000
0x500A 0000
ADC0.
0x400A 2000
0x500A 2000
FS USB Host registers.
0x400A 3000
0x500A 3000
HS USB Host registers.
0x400A 4000
0x500A 4000
Hash-AES registers.
0x400A 5000
0x500A 5000
Casper
0x400A 6000
0x500A 6000
PowerQuad
0x400A 7000
0x500A 7000
DMA1 registers.
0x400A 8000
0x500A 8000
Secure HS GPIO.
0x400A C000
0x500A C000 Security Control registers.
11
0x4010 0000
0x5010 0000
USB SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com