Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 58Page - NXP Semiconductors LPC55S6X Datasheet HTML 59Page - NXP Semiconductors LPC55S6X Datasheet HTML 60Page - NXP Semiconductors LPC55S6X Datasheet HTML 61Page - NXP Semiconductors LPC55S6X Datasheet HTML 62Page - NXP Semiconductors LPC55S6X Datasheet HTML 63Page - NXP Semiconductors LPC55S6X Datasheet HTML 64Page - NXP Semiconductors LPC55S6X Datasheet HTML 65Page - NXP Semiconductors LPC55S6X Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
62 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
• Eight 32-bit general purpose registers can retain data in deep power-down. These
registers are reset only on software reset of the RTC.
7.28.5 Multi-Rate Timer (MRT)
The Multi-Rate Timer (MRT) provides a repetitive interrupt timer with four channels. Each
channel can be programmed with an independent time interval, and each channel
operates independently from the other channels.
7.28.5.1 Features
• 24-bit interrupt timer.
• Four channels independently counting down from individually set values.
• Repeat interrupt, one-shot interrupt, and one-shot bus stall modes.
7.28.6 OS Timer
42-bit free running timer with individual match/capture and interrupt generation logic used
as continuous time-base for the system, available in any reduced power modes. It runs on
32kHz clock source, allowing a count period of more than 4 years.
7.28.6.1 Features
• Central 42-bit, free-running gray-code event/timestamp timer.
• Match registers compared to the main counter to generate an interrupt and/or
wake-up event.
• Capture registers triggered by CPU command, readable via the AHB/IPS bus.
• APB interface for register access.
• IRQ and wake-up.
• Reads of gray-encoded timers are accomplished with no synchronization latency.
7.28.7 Micro-tick timer (UTICK)
The ultra-low power Micro-tick Timer, running from the Watchdog oscillator, can be used
to wake up the device from sleep and deep-sleep modes.
7.28.7.1 Features
• Ultra simple timer.
• Write once to start.
• Interrupt or software polling.
• Four capture registers that can be triggered by external pin transitions.
7.29 Digital peripherals
7.29.1 DMA controller
The DMA controller allows peripheral-to memory, memory-to-peripheral, and
memory-to-memory transactions. Each DMA stream provides unidirectional DMA
transfers for a single source and destination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com