Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 51 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 47Page - NXP Semiconductors LPC55S6X Datasheet HTML 48Page - NXP Semiconductors LPC55S6X Datasheet HTML 49Page - NXP Semiconductors LPC55S6X Datasheet HTML 50Page - NXP Semiconductors LPC55S6X Datasheet HTML 51Page - NXP Semiconductors LPC55S6X Datasheet HTML 52Page - NXP Semiconductors LPC55S6X Datasheet HTML 53Page - NXP Semiconductors LPC55S6X Datasheet HTML 54Page - NXP Semiconductors LPC55S6X Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
51 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
7.23 Power control
The LPC55S6x support a variety of power control features. In Active mode, when the chip
is running, power and clocks to selected peripherals can be adjusted for power
consumption. In addition, there are four special modes of processor power reduction with
different peripherals running: sleep mode, deep-sleep mode, power-down mode, and
deep power-down mode which can be activated by the power mode configure API.
7.23.1 Sleep mode
In sleep mode, the system clock to both CPUs (CPU0 and CPU1) are stopped and
execution of instructions is suspended until either a reset or interrupt occurs. Peripheral
functions, if selected to be clocked can continue operation during sleep mode and may
generate interrupts to cause the processor to resume execution. Sleep mode eliminates
dynamic power used by the processor itself, memory systems and related controllers,
internal buses, and unused peripherals.
7.23.2 Deep-sleep mode
In deep-sleep mode, the flash is powered down. The system clock to both CPUs (CPU0
and CPU1) are stopped and if not configured, the peripherals receives no clocks. Through
the power profiles API, selected peripherals such as USB0, USB1, Flexcomm interfaces 0
to 7 (SPI, I2C, USART, I2S), Flexcomm interface 10 (High Speed SPI), Micro-tick, WWDT,
RTC, OSTimer, Standard Timers, comparator, and BOD can be left running in deep-sleep
mode. Clock sources such as FRO12 MHz, FRO 32 KHz, FRO 1 MHz, the 32.768 kHz
RTC clock, and the external oscillator can be enabled or disabled via software.
The LPC55S6x can wake up from deep-sleep mode via a reset, digital pins selected as
inputs to the pin interrupt block and group interrupt block, OS Timer, Standard Timers,
Micro-tick, RTC alarm, a watchdog timer interrupt/reset, BOD interrupt/reset, an interrupt
from the USB0, USB1, SPI, I2C, I2S, USART, comparator, and PLU. Some peripherals
can have DMA service during deep-sleep mode without waking up entire device.
In deep-sleep mode, all SRAM, logic state, and registers maintain their internal states. All
SRAM instances that are not configured to enter in ‘retention state’ will stay in active state.
Deep-sleep mode allows for very low quiescent power and fast wake-up options.
7.23.3 Power-down mode
In power-down mode, nearly all on-chip power consumption is turned off by shutting down
the internal DC-DC converter. The flash is powered down. The system clock to both CPUs
(CPU0 and CPU1) are stopped and if not configured, the peripherals receives no clocks.
Through the power profiles API, selected peripherals such as Flexcomm interfaces 3 (SPI,
I2C, USART, I2S), RTC, OS Timer, and comparator can be left running in power-down
mode. Clock sources such as FRO 32 KHz, and the 32.768 kHz RTC clock can be
enabled or disabled via software.
The LPC55S6x can wake up from power-down mode via a reset, digital pins selected as
inputs to the group interrupt block, OS Timer, RTC alarm, an interrupt from the Flexcomm
Interface 3 (SPI, I2C, I2S, USART), and comparator.
In power-down mode, the CPU0 processor state is retained to allow resumption of code
execution when a wake-up event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com