Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 34Page - NXP Semiconductors LPC55S6X Datasheet HTML 35Page - NXP Semiconductors LPC55S6X Datasheet HTML 36Page - NXP Semiconductors LPC55S6X Datasheet HTML 37Page - NXP Semiconductors LPC55S6X Datasheet HTML 38Page - NXP Semiconductors LPC55S6X Datasheet HTML 39Page - NXP Semiconductors LPC55S6X Datasheet HTML 40Page - NXP Semiconductors LPC55S6X Datasheet HTML 41Page - NXP Semiconductors LPC55S6X Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
38 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
6.1.1 Termination of unused pins
Table 4 shows how to terminate pins that are not used in the application. In many cases,
unused pins should be connected externally or configured correctly by software to
minimize the overall power consumption of the part.
Unused pins with GPIO function should be configured as outputs set to LOW with their
internal pull-up disabled. To configure a GPIO pin as output and drive it LOW, select the
GPIO function in the IOCON register, select output in the GPIO DIR register, and write a 0
to the GPIO PORT register for that pin. Disable the pull-up in the pin’s IOCON register.
In addition, it is recommended to configure all GPIO pins that are not bonded out on
smaller packages as outputs driven LOW with their internal pull-up disabled.
[1]
I = Input, IA = Inactive (no pull-up/pull-down enabled), PU = Pull-Up enabled
Table 4.
Termination of unused pins
Pin
Default
state[1]
Recommended termination of unused pins
RESET
I; PU
The RESET pin can be left unconnected if the application does not use it.
all PIOn_m (not open-drain) I; PU
Can be left unconnected if driven LOW and configured as GPIO output with pull-up
or pull-down disabled by software.
PIOn_m (I2C open-drain)
IA
Can be left unconnected if driven LOW and configured as GPIO output by software.
XTAL32K_P
-
Connect to ground. When grounded, the RTC oscillator is disabled.
XTAL32K_N
-
Can be left unconnected.
XTAL32M_P
-
Connect to ground. When grounded, the RTC oscillator is disabled.
XTAL32M_N
-
Can be left unconnected.
VREFP
-
Tie to VBAT_DCDC.
VREFN
-
Tie to VSS.
VDDA
-
Tie to VBAT_DCDC.
VSSA
-
Tie to VSS.
USBn_DP
F
Can be left unconnected.
USBn_DM
F
Can be left unconnected.
USBn_3V3
F
Tie to VBAT_DCDC.
USB1_VBUS
F
Tie to VBAT_DCDC.
USBn_VSS
F
Tie to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com