Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 44Page - NXP Semiconductors LPC55S6X Datasheet HTML 45Page - NXP Semiconductors LPC55S6X Datasheet HTML 46Page - NXP Semiconductors LPC55S6X Datasheet HTML 47Page - NXP Semiconductors LPC55S6X Datasheet HTML 48Page - NXP Semiconductors LPC55S6X Datasheet HTML 49Page - NXP Semiconductors LPC55S6X Datasheet HTML 50Page - NXP Semiconductors LPC55S6X Datasheet HTML 51Page - NXP Semiconductors LPC55S6X Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
48 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
7.22.3 Clock generation
The system control block facilitates the clock generation. Many clocking variations are
possible. Figure 5 gives an overview of potential clock options. Table 10 describes signals
on the clocking diagram. The maximum clock frequency is 150 MHz.
Remark: The indicated clock multiplexers shown in Figure 5 are synchronized. In order to
operate, the currently selected clock must be running, and the clock to be switched to
must also be running. This is so that the multiplexer can gracefully switch between the two
clocks without glitches. Other clock multiplexers are not synchronized. The output divider
can be stopped and restarted gracefully during switching if a glitch-free output is needed.
The low-power oscillator provides a frequency in the range of 1 MHz. The accuracy of this
clock is limited to +/- 15% over temperature, voltage, and silicon processing variations
after trimming made during assembly. To determine the actual watchdog oscillator output,
use the frequency measure block.
The part contains one system PLL that can be configured to use a number of clock inputs
and produce an output clock in the range of 1.2 MHz up to the maximum chip frequency,
and can be used to run most on-chip functions. The output of the PLL can be monitored
through the CLKOUT pin.
Table 10.
Clocking diagram signal name descriptions
Name
Description
32k_osc The 32 kHz output of the RTC oscillator. The 32 kHz clock must be enabled in the RTCOSCCTRL register.
clk_in
This is the internal clock that comes from the external oscillator.
frg_clk
The output of each Fractional Rate Generator to Flexcomm clock. Each FRG and its source selection is shown in
Figure 5.
fro_12m 12 MHz divided down from the currently selected on-chip FRO oscillator.
fro_hf
The currently selected FRO high speed output at 96 MHz.
main_clk The main clock used by the CPU and AHB bus, and potentially many others. The main clock and its source
selection are shown in Figure 5.
mclk_in
The MCLK input function, when it is connected to a pin by selecting it in the IOCON block.
pll0_clk
The output of the PLL0. The PLL0 and its source selection is shown in Figure 5.
pll1_clk
The output of the PLL1. The PLL1 and its source selection is shown in Figure 5.
fro_1m
The output of the low power oscillator.
“none”
A tied-off source that should be selected to save power when the output of the related multiplexer is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com