Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 99 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 95Page - NXP Semiconductors LPC55S6X Datasheet HTML 96Page - NXP Semiconductors LPC55S6X Datasheet HTML 97Page - NXP Semiconductors LPC55S6X Datasheet HTML 98Page - NXP Semiconductors LPC55S6X Datasheet HTML 99Page - NXP Semiconductors LPC55S6X Datasheet HTML 100Page - NXP Semiconductors LPC55S6X Datasheet HTML 101Page - NXP Semiconductors LPC55S6X Datasheet HTML 102Page - NXP Semiconductors LPC55S6X Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
99 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
[9]
Input data is 1kHz sine wave, ADC conversion clock 24 MHz, Power Select = 3, Average setting = 4.
12.2.1 ADC input resistance
12.2.2 Temperature sensor
[1]
Absolute temperature accuracy. Based on characterization, not tested in production.
[2]
Typical values are derived from nominal simulation
12.2.3 Comparator
Table 38.
ADC input resistance
Tamb = 40 C to +105 C
Min
Typ
Max
Unit
RI
input resistance
Fast Input Channels
PIO0_16/PIO0_23 -
1
2
k
PIO0_11/PIO0_10 -
1
2
k
PIO0_12/PIO0_15 -
1
2
k
PIO1_0/PIO0_31 -
1
2
k
Standard Input Channels
PIO1_9/PIO1_8 -
1.4
3.6
k
Table 39.
Temperature sensor static and dynamic characteristics
VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DTsen
sensor
temperature
accuracy
Tamb = 40 C to +105 C
[1] --
4
C
ts(pu)
power-up
settling time
[2] -5
-
s
Table 40.
Comparator characteristics
Tamb = 40 C to +105 C unless noted otherwise; VBAT_PMU = 1.8 V to 3.6 V.
Symbol
Parameter
Conditions
Min Typ[1] Max
Unit
Static characteristics
IDD
supply current
Low Power Mode
-2.5
-
A
Fast Mode
-5
-
A
VIC
common-mode input voltage Propagation delay; Vcm_min = 0.1 V to
VBAT_PMU-0.1 V
0
-
VBAT_PMU
V
Voffset
offset voltage
0-
10
mV
Dynamic characteristics
tstartup
start-up time
nominal process; VBAT_PMU = 3.3 V;
Tamb = 25 °C, Max overdrive with
reference at mid-supply
-3.3
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com