Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 121 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 117Page - NXP Semiconductors LPC55S6X Datasheet HTML 118Page - NXP Semiconductors LPC55S6X Datasheet HTML 119Page - NXP Semiconductors LPC55S6X Datasheet HTML 120Page - NXP Semiconductors LPC55S6X Datasheet HTML 121Page - NXP Semiconductors LPC55S6X Datasheet HTML 122Page - NXP Semiconductors LPC55S6X Datasheet HTML 123Page - NXP Semiconductors LPC55S6X Datasheet HTML 124Page - NXP Semiconductors LPC55S6X Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
121 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
16. Abbreviations
Table 41.
Abbreviations
Acronym
Description
AHB
Advanced High-performance Bus
APB
Advanced Peripheral Bus
API
Application Programming Interface
DMA
Direct Memory Access
FRO oscillator
Internal Free-Running Oscillator, tuned to the factory specified frequency
GPIO
General Purpose Input/Output
FRO
Free Running Oscillator
LSB
Least Significant Bit
MCU
MicroController Unit
PDM
Pulse Density Modulation
PLL
Phase-Locked Loop
SPI
Serial Peripheral Interface
TCP/IP
Transmission Control Protocol/Internet Protocol
TTL
Transistor-Transistor Logic
USART
Universal Asynchronous Receiver/Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com