Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 108Page - STMicroelectronics ST7LITE39 Datasheet HTML 109Page - STMicroelectronics ST7LITE39 Datasheet HTML 110Page - STMicroelectronics ST7LITE39 Datasheet HTML 111Page - STMicroelectronics ST7LITE39 Datasheet HTML 112Page - STMicroelectronics ST7LITE39 Datasheet HTML 113Page - STMicroelectronics ST7LITE39 Datasheet HTML 114Page - STMicroelectronics ST7LITE39 Datasheet HTML 115Page - STMicroelectronics ST7LITE39 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 167 page
background image
ST7LITE3
112/167
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Mode) (Cont’d)
11.5.9.9 Error due to LIN Synch measurement
The LIN Synch Field is measured over eight bit
times.
This measurement is performed using a counter
clocked by the CPU clock. The edge detections
are performed using the CPU clock cycle.
This leads to a precision of 2 CPU clock cycles for
the measurement which lasts 16*8*LDIV clock cy-
cles.
Consequently, this error (DMEAS) is equal to:
2 / (128*LDIVMIN).
LDIVMIN corresponds to the minimum LIN prescal-
er content, leading to the maximum baud rate, tak-
ing into account the maximum deviation of +/-15%.
11.5.9.10 Error due to Baud Rate Quantisation
The baud rate can be adjusted in steps of 1 / (16 *
LDIV). The worst case occurs when the “real”
baud rate is in the middle of the step.
This leads to a quantization error (DQUANT) equal
to 1 / (2*16*LDIVMIN).
11.5.9.11
Impact
of
Clock
Deviation
on
Maximum Baud Rate
The choice of the nominal baud rate (LDIVNOM)
will influence both the quantisation error (DQUANT)
and the measurement error (DMEAS). The worst
case occurs for LDIVMIN.
Consequently, at a given CPU frequency, the
maximum possible nominal baud rate (LPRMIN)
should be chosen with respect to the maximum tol-
erated deviation given by the equation:
DTRA + 2 / (128*LDIVMIN) + 1 / (2*16*LDIVMIN)
+ DREC + DTCL < 3.75%
Example:
A nominal baud rate of 20Kbits/s at TCPU = 125ns
(8MHz) leads to LDIVNOM = 25d.
LDIVMIN = 25 - 0.15*25 = 21.25
DMEAS = 2 / (128*LDIVMIN) * 100 = 0.00073%
DQUANT = 1 / (2*16*LDIVMIN) * 100 = 0.0015%
LIN Slave systems
For LIN Slave systems (the LINE and LSLV bits
are set), receivers wake up by LIN Synch Break or
LIN Identifier detection (depending on the LHDM
bit).
Hot Plugging Feature for LIN Slave Nodes
In LIN Slave Mute Mode (the LINE, LSLV and
RWU bits are set) it is possible to hot plug to a net-
work during an ongoing communication flow. In
this case the SCI monitors the bus on the RDI line
until 11 consecutive dominant bits have been de-
tected and discards all the other bits received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com