Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 110Page - STMicroelectronics ST7LITE39 Datasheet HTML 111Page - STMicroelectronics ST7LITE39 Datasheet HTML 112Page - STMicroelectronics ST7LITE39 Datasheet HTML 113Page - STMicroelectronics ST7LITE39 Datasheet HTML 114Page - STMicroelectronics ST7LITE39 Datasheet HTML 115Page - STMicroelectronics ST7LITE39 Datasheet HTML 116Page - STMicroelectronics ST7LITE39 Datasheet HTML 117Page - STMicroelectronics ST7LITE39 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 167 page
background image
ST7LITE3
114/167
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Mode) (Cont’d)
CONTROL REGISTER 2 (SCICR2)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:2 Same function as in SCI mode, please re-
fer to Section 11.5.8 SCI Mode Register Descrip-
tion.
Bit 1 = RWU Receiver wake-up.
This bit determines if the SCI is in mute mode or
not. It is set and cleared by software and can be
cleared by hardware when a wake-up sequence is
recognized.
0: Receiver in active mode
1: Receiver in mute mode
Notes:
– Mute mode is recommended for detecting only
the Header and avoiding the reception of any
other characters. For more details please refer to
Section 11.5.9.3 LIN Reception.
– In LIN slave mode, when RDRF is set, the soft-
ware can not set or clear the RWU bit.
Bit 0 = SBK Send break.
This bit set is used to send break characters. It is
set and cleared by software.
0: No break character is transmitted
1: Break characters are transmitted
Note: If the SBK bit is set to “1” and then to “0”, the
transmitter will send a BREAK word at the end of
the current word.
CONTROL REGISTER 3 (SCICR3)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7= LDUM LIN Divider Update Method.
This bit is set and cleared by software and is also
cleared by hardware (when RDRF=1). It is only
used in LIN Slave mode. It determines how the LIN
Divider can be updated by software.
0: LDIV is updated as soon as LPR is written (if no
Auto Synchronization update occurs at the
same time).
1: LDIV is updated at the next received character
(when RDRF=1) after a write to the LPR register
Notes:
- If no write to LPR is performed between the set-
ting of LDUM bit and the reception of the next
character, LDIV will be updated with the old value.
- After LDUM has been set, it is possible to reset
the LDUM bit by software. In this case, LDIV can
be modified by writing into LPR / LPFR registers.
Bit 6:5 = LINE, LSLV LIN Mode Enable Bits.
These bits configure the LIN mode:
The LIN Master configuration enables:
The capability to send LIN Synch Breaks (13 low
bits) using the SBK bit in the SCICR2 register.
The LIN Slave configuration enables:
– The LIN Slave Baud Rate generator. The LIN
Divider (LDIV) is then represented by the LPR
and LPFR registers. The LPR and LPFR reg-
isters are read/write accessible at the address
of the SCIBRR register and the address of the
SCIETPR register
– Management of LIN Headers.
– LIN Synch Break detection (11-bit dominant).
– LIN Wake-Up method (see LHDM bit) instead
of the normal SCI Wake-Up method.
– Inhibition of Break transmission capability
(SBK has no effect)
– LIN Parity Checking (in conjunction with the
PCE bit)
Bit 4 = LASE LIN Auto Synch Enable.
This bit enables the Auto Synch Unit (ASU). It is
set and cleared by software. It is only usable in LIN
Slave mode.
0: Auto Synch Unit disabled
1: Auto Synch Unit enabled.
Bit 3 = LHDM LIN Header Detection Method
This bit is set and cleared by software. It is only us-
able in LIN Slave mode. It enables the Header De-
tection Method. In addition if the RWU bit in the
7
0
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
7
0
LDUM
LINE
LSLV
LASE
LHDM
LHIE LHDF
LSF
LINE
LSLV
Meaning
0
x
LIN mode disabled
1
0
LIN Master Mode
1
1
LIN Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com