Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 126Page - STMicroelectronics ST7LITE39 Datasheet HTML 127Page - STMicroelectronics ST7LITE39 Datasheet HTML 128Page - STMicroelectronics ST7LITE39 Datasheet HTML 129Page - STMicroelectronics ST7LITE39 Datasheet HTML 130Page - STMicroelectronics ST7LITE39 Datasheet HTML 131Page - STMicroelectronics ST7LITE39 Datasheet HTML 132Page - STMicroelectronics ST7LITE39 Datasheet HTML 133Page - STMicroelectronics ST7LITE39 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 167 page
background image
ST7LITE3
130/167
13.2 ABSOLUTE MAXIMUM RATINGS
Stresses above those listed as “absolute maxi-
mum ratings” may cause permanent damage to
the device. This is a stress rating only and func-
tional operation of the device under these condi-
tions is not implied. Exposure to maximum rating
conditions for extended periods may affect device
reliability.
13.2.1 Voltage Characteristics
13.2.2 Current Characteristics
13.2.3 Thermal Characteristics
Notes:
1. Directly connecting the RESET and I/O pins to VDD or VSS could damage the device if an unintentional internal reset
is generated or an unexpected change of the I/O configuration occurs (for example, due to a corrupted program counter).
To guarantee safe operation, this connection has to be done through a pull-up or pull-down resistor (typical: 4.7k
Ω for
RESET, 10k
Ω for I/Os). Unused I/O pins must be tied in the same way to V
DD or VSS according to their reset configuration.
2. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be
respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN>VDD
while a negative injection is induced by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected
3. All power (VDD) and ground (VSS) lines must always be connected to the external supply.
4. Negative injection disturbs the analog performance of the device. In particular, it induces leakage currents throughout
the device including the analog inputs. To avoid undesirable effects on the analog functions, care must be taken:
- Analog input pins must have a negative injection less than 0.8 mA (assuming that the impedance of the analog voltage
is lower than the specified limits)
- Pure digital pins must have a negative injection less than 1.6mA. In addition, it is recommended to inject the current as
far as possible from the analog input pins.
5. No negative current injection allowed on PB0 and PB1 pins.
6. When several inputs are submitted to a current injection, the maximum
ΣI
INJ(PIN) is the absolute sum of the positive
and negative injected currents (instantaneous values). These results are based on characterisation with
ΣI
INJ(PIN) maxi-
mum current injection on four I/O port pins of the device.
Symbol
Ratings
Maximum value
Unit
VDD - VSS
Supply voltage
7.0
V
VIN
Input voltage on any pin 1) & 2)
VSS-0.3 to VDD+0.3
VESD(HBM)
Electrostatic discharge voltage (Human Body Model)
see section 13.7.3 on page 143
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines (source)
3)
150
mA
IVSS
Total current out of VSS ground lines (sink)
3)
150
IIO
Output current sunk by any standard I/O and control pin
25
Output current sunk by any high sink I/O pin
50
Output current source by any I/Os and control pin
-25
IINJ(PIN)
2) & 4)
Injected current on RESET pin
±5
Injected current on OSC1 and OSC2 pins
±5
Injected current on PB0 and PB1 pins 5)
+5
Injected current on any other pin 6)
±5
ΣI
INJ(PIN)
2)
Total injected current (sum of all I/O and control pins) 6)
±20
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (see section 14.2 on page 156)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com