Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 127Page - STMicroelectronics ST7LITE39 Datasheet HTML 128Page - STMicroelectronics ST7LITE39 Datasheet HTML 129Page - STMicroelectronics ST7LITE39 Datasheet HTML 130Page - STMicroelectronics ST7LITE39 Datasheet HTML 131Page - STMicroelectronics ST7LITE39 Datasheet HTML 132Page - STMicroelectronics ST7LITE39 Datasheet HTML 133Page - STMicroelectronics ST7LITE39 Datasheet HTML 134Page - STMicroelectronics ST7LITE39 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 167 page
background image
ST7LITE3
131/167
13.3 OPERATING CONDITIONS
13.3.1 General Operating Conditions: Suffix 6 Devices
TA = -40 to +85°C unless otherwise specified.
Figure 68. fCLKIN Maximum Operating Frequency Versus VDD Supply Voltage
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fOSC = 8 MHz. max., TA = 0 to 85°C
2.7
5.5
V
fOSC = 8 MHz. max., TA = - 40 to 85°C
3.0
5.5
fOSC = 16 MHz. max.
3.3
5.5
fCLKIN
External clock frequency on
CLKIN pin
VDD≥3.3V
up to 16
MHz
VDD≥3.0V
up to 8
fCLKIN [MHz]
SUPPLY VOLTAGE [V]
16
8
4
1
0
2.0
2.7
3.3
3.5
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
STATED IN THE
TABLES OF
PARAMETRIC DATA)
3.0
FUNCTIONALITY
GUARANTEED IN
THIS AREA ONLY FOR
TA FROM 0°C to TAmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com