Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 133Page - STMicroelectronics ST7LITE39 Datasheet HTML 134Page - STMicroelectronics ST7LITE39 Datasheet HTML 135Page - STMicroelectronics ST7LITE39 Datasheet HTML 136Page - STMicroelectronics ST7LITE39 Datasheet HTML 137Page - STMicroelectronics ST7LITE39 Datasheet HTML 138Page - STMicroelectronics ST7LITE39 Datasheet HTML 139Page - STMicroelectronics ST7LITE39 Datasheet HTML 140Page - STMicroelectronics ST7LITE39 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 167 page
background image
ST7LITE3
137/167
13.3.2 Operating Conditions with Low Voltage Detector (LVD)
TA = -40 to 85°C, unless otherwise specified
Notes:
1. Not tested in production.
2. Not tested in production. The VDD rise time rate condition is needed to insure a correct device power-on and LVD reset.
When the VDD slope is outside these values, the LVD may not ensure a proper reset of the MCU.
13.3.3 Auxiliary Voltage Detector (AVD) Thresholds,
TA = -40 to 85°C, unless otherwise specified
Note:
1. Not tested in production.
13.3.4 Internal RC Oscillator and PLL
The ST7 internal clock can be supplied by an internal RC oscillator and PLL (selectable by option byte).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
3.601)
3.051)
2.45 1)
4.15
3.45
2.85
4.60
3.90
3.20
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.40
2.90
2.30
3.95
3.30
2.70
4.35 1)
3.701)
3.001)
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
2)
201)
1000001)
µs/V
tg(VDD)
Filtered glitch delay on VDD
Not detected by the LVD
150
ns
IDD(LVD)
LVD/AVD current consumption
220
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1=>0 AVDF flag toggle threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
3.901)
3.451)
2.901)
4.45
3.90
3.30
4.85
4.30
3.65
V
VIT-(AVD)
0=>1 AVDF flag toggle threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.85
3.35
2.75
4.40
3.85
3.15
4.801)
4.201)
3.501)
Vhys
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
150
mV
∆V
IT-
Voltage drop between AVD flag set
and LVD reset activation
VDD fall
0.45
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(RC)
Internal RC Oscillator operating voltage
Refer to operating range
of VDD with TA, section
13.3.1 on page 131
2.7
5.5
V
VDD(x4PLL)
x4 PLL operating voltage
2.7
3.3
VDD(x8PLL) x8 PLL operating voltage
3.3
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com