Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 134Page - STMicroelectronics ST7LITE39 Datasheet HTML 135Page - STMicroelectronics ST7LITE39 Datasheet HTML 136Page - STMicroelectronics ST7LITE39 Datasheet HTML 137Page - STMicroelectronics ST7LITE39 Datasheet HTML 138Page - STMicroelectronics ST7LITE39 Datasheet HTML 139Page - STMicroelectronics ST7LITE39 Datasheet HTML 140Page - STMicroelectronics ST7LITE39 Datasheet HTML 141Page - STMicroelectronics ST7LITE39 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 167 page
background image
ST7LITE3
138/167
13.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode for which the clock
is stopped).
13.4.1 Supply Current
TA = -40 to +85°C unless otherwise specified
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
2. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN)
driven by external square wave, LVD disabled.
3. SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
4. SLOW-WAIT mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
5. All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on characterization results,
tested in production at VDD max and fCPU max.
6. All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max. and fCPU
max.
7. This consumption refers to the Halt period only and not the associated run period which is software dependent.
Figure 76. Typical IDD in RUN vs. fCPU
Figure 77. Typical IDD in SLOW vs. fCPU
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in RUN mode
fCPU=8MHz
1)
6.0
9.0
mA
fCPU=4MHz
2.6
5.6
fCPU=1MHz
0.8
2.5
Supply current in WAIT mode
fCPU=8MHz
2)
2.4
4.0
Supply current in SLOW mode
fCPU=250kHz
3)
0.7
1.1
Supply current in SLOW WAIT mode
fCPU=250kHz
4)
0.6
1.0
Supply current in HALT mode5)
-40°C
≤T
A≤+85°C
0.5
10
µA
Supply current in AWUFH mode 6)7)
TA= +25°C
20
50
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
2.4
2.7
3.3
4
5
6
Vdd (V)
8MHz
4MHz
1MHz
0.00
200.00
400.00
600.00
800.00
1000.00
2.4
2.7
3.3
4
5
6
Vdd (V)
8MHz
4MHz
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com