Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 147Page - STMicroelectronics ST7LITE39 Datasheet HTML 148Page - STMicroelectronics ST7LITE39 Datasheet HTML 149Page - STMicroelectronics ST7LITE39 Datasheet HTML 150Page - STMicroelectronics ST7LITE39 Datasheet HTML 151Page - STMicroelectronics ST7LITE39 Datasheet HTML 152Page - STMicroelectronics ST7LITE39 Datasheet HTML 153Page - STMicroelectronics ST7LITE39 Datasheet HTML 154Page - STMicroelectronics ST7LITE39 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 167 page
background image
ST7LITE3
151/167
13.10 COMMUNICATION INTERFACE CHARACTERISTICS
13.10.1 SPI - Serial Peripheral Interface
Subject to general operating conditions for VDD,
fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on
the input/output alternate function characteristics
(SS, SCK, MOSI, MISO).
Figure 98. SPI Slave Timing Diagram with CPHA=0 3)
Notes:
1. Data based on design simulation and/or characterisation results, not tested in production.
2. When no communication is on-going the data output line of the SPI (MOSI in master mode, MISO in slave mode) has
its alternate function capability released. In this case, the pin status depends on the I/O port configuration.
3. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD.
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK =
1/tc(SCK)
SPI clock frequency
Master
fCPU=8MHz
fCPU/128 =
0.0625
fCPU/4 =
2
MHz
Slave
fCPU=8MHz
0
fCPU/2 =
4
tr(SCK)
tf(SCK)
SPI clock rise and fall time
see I/O port pin description
tsu(SS)
SS setup time
Slave
120
ns
th(SS)
SS hold time
Slave
120
tw(SCKH)
tw(SCKL)
SCK high and low time
Master
Slave
100
90
tsu(MI)
tsu(SI)
Data input setup time
Master
Slave
100
100
th(MI)
th(SI)
Data input hold time
Master
Slave
100
100
ta(SO)
Data output access time
Slave
0
120
tdis(SO)
Data output disable time
Slave
240
tv(SO)
Data output valid time
Slave (after enable edge)
120
th(SO)
Data output hold time
0
tv(MO)
Data output valid time
Master (before capture
edge)
0.25
tCPU
th(MO)
Data output hold time
0.25
SS INPUT
CPHA=0
MOSI INPUT
MISO OUTPUT
CPHA=0
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
tv(SO)
ta(SO)
tsu(SI)
th(SI)
MSB OUT
MSB IN
BIT6 OUT
LSB IN
LSB OUT
seenote2
CPOL=0
CPOL=1
tsu(SS)
th(SS)
tdis(SO)
th(SO)
see
note 2
BIT1 IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com