Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 149Page - STMicroelectronics ST7LITE39 Datasheet HTML 150Page - STMicroelectronics ST7LITE39 Datasheet HTML 151Page - STMicroelectronics ST7LITE39 Datasheet HTML 152Page - STMicroelectronics ST7LITE39 Datasheet HTML 153Page - STMicroelectronics ST7LITE39 Datasheet HTML 154Page - STMicroelectronics ST7LITE39 Datasheet HTML 155Page - STMicroelectronics ST7LITE39 Datasheet HTML 156Page - STMicroelectronics ST7LITE39 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 167 page
background image
ST7LITE3
153/167
13.11 10-BIT ADC CHARACTERISTICS
Subject to general operating condition for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2. When VDDA and VSSA pins are not available on the pinout, the ADC refers to VDD and VSS.
3. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance g(reater than10k
Ω).
Data based on characterization results, not tested in production.
4. The stabilization time of the AD converter is masked by the first tLOAD. The first conversion after the enable is then
always valid.
Figure 101. Typical Application with ADC
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
fADC
ADC clock frequency
0.5
4
MHz
VAIN
Conversion voltage range 2)
VSSA
VDDA
V
RAIN
External input resistor
10 3)
k
Ω
CADC
Internal sample and hold capacitor
6
pF
tSTAB
Stabilization time after ADC enable
fCPU=8MHz, fADC=4MHz
0 4)
µs
tADC
Conversion time (Sample+Hold)
3.5
- Sample capacitor loading time
- Hold conversion time
4
10
1/fADC
AINx
ST72XXX
VDD
IL
±1
µA
VT
0.6V
VT
0.6V
CADC
VAIN
RAIN
10-Bit A/D
Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com