Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 154Page - STMicroelectronics ST7LITE39 Datasheet HTML 155Page - STMicroelectronics ST7LITE39 Datasheet HTML 156Page - STMicroelectronics ST7LITE39 Datasheet HTML 157Page - STMicroelectronics ST7LITE39 Datasheet HTML 158Page - STMicroelectronics ST7LITE39 Datasheet HTML 159Page - STMicroelectronics ST7LITE39 Datasheet HTML 160Page - STMicroelectronics ST7LITE39 Datasheet HTML 161Page - STMicroelectronics ST7LITE39 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 167 page
background image
ST7LITE3
158/167
15 DEVICE CONFIGURATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM/FASTROM).
ST7PLITE3 devices are Factory Advanced Serv-
ice Technique ROM (FASTROM) versions: they
are factory programmed FLASH devices.
ST7FLITE3 devices are shipped to customers with
a default program memory content (FFh), while
FASTROM factory coded parts contain the code
supplied by the customer. This implies that FLASH
devices have to be configured by the customer us-
ing the Option Bytes.
15.1 FLASH OPTION BYTES
The two option bytes allow the hardware configu-
ration of the microcontroller to be selected.
OPTION BYTE 0
OPT7 = AWUCK Auto Wake Up Clock Selection
0: 32-KHz Oscillator (VLP) selected as AWU clock
.
1: AWU RC Oscillator selected as AWU clock.
Note: If this bit is reset, internal RC oscillator must
be selected (Option OSC=0).
OPT6:4 = OSCRANGE[2:0] Oscillator Range
When the internal RC oscillator is not selected
(Option OSC=1), these option bits select the range
of the resonator oscillator current source or the ex-
ternal clock source.
Note: OSCRANGE[2:0] has no effect when
AWUCK option is set to 0. In this case, the VLP os-
cillator range is automatically selected as AWU
clock.
OPT 3:2 = SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 ac-
cording to the following table.
OPT1 = FMP_R Read-out protection
Readout protection, when selected provides a pro-
tection against program memory content extrac-
tion and against write access to Flash memory.
Erasing the option bytes when the FMP_R option
is selected will cause the whole memory to be
erased first and the device can be reprogrammed.
Refer to the ST7 Flash Programming Reference
Manual and section 4.5 on page 13 for more de-
tails
0: Read-out protection off
1: Read-out protection on
OPT 0 = FMP_W FLASH write protection
This option indicates if the FLASH program mem-
ory is write protected.
Warning: When this option is selected, the pro-
gram memory (and the option bit itself) can never
be erased or programmed again.
0: Write protection off
1: Write protection on
The option bytes have no address in the memory
map and can be accessed only in programming
mode (for example using a standard ST7 program-
ming tool). The default content of the FLASH is
fixed to FFh.
OSCRANGE
2
1
0
Typ.
frequency
range with
Resonator
LP
1~2MHz
0
0
0
MP
2~4MHz
0
0
1
MS
4~8MHz
0
1
0
HS
8~16MHz
0
1
1
VLP 32.768kHz
1
0
0
External Clock on OSC1
1
0
1
Reserved
1
1
0
External Clock on PB4
1
1
1
Sector 0 Size
SEC1
SEC0
0.5k
0
0
1k
0
1
2
1
0
4k
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com