Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 156Page - STMicroelectronics ST7LITE39 Datasheet HTML 157Page - STMicroelectronics ST7LITE39 Datasheet HTML 158Page - STMicroelectronics ST7LITE39 Datasheet HTML 159Page - STMicroelectronics ST7LITE39 Datasheet HTML 160Page - STMicroelectronics ST7LITE39 Datasheet HTML 161Page - STMicroelectronics ST7LITE39 Datasheet HTML 162Page - STMicroelectronics ST7LITE39 Datasheet HTML 163Page - STMicroelectronics ST7LITE39 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 167 page
background image
ST7LITE3
160/167
15.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the FASTROM con-
tents and the list of the selected options (if any).
The FASTROM contents are to be sent on dis-
kette, or by electronic means, with the S19 hexa-
decimal file generated by the development tool. All
unused bytes must be set to FFh. The selected op-
tions are communicated to STMicroelectronics us-
ing the correctly completed OPTION LIST append-
ed on page 161.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 24. Supported part numbers
Part Number
Program
Memory
(Bytes)
Data
EEPROM
(Bytes)
RAM
(Bytes)
INTERNAL
RC
Temp.
Range
Package
ST7FLITE30F2B6
8K FLASH
-
384
-
-40°C +85°C
DIP20
ST7FLITE30F2M6
-
-
SO20
ST7FLITE35F2B6
-
yes
DIP20
ST7FLITE35F2M6
-
yes
SO20
ST7FLITE39F2B6
256
yes
DIP20
ST7FLITE39F2M6
256
yes
SO20
Contact ST sales office for product availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com