Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 159Page - STMicroelectronics ST7LITE39 Datasheet HTML 160Page - STMicroelectronics ST7LITE39 Datasheet HTML 161Page - STMicroelectronics ST7LITE39 Datasheet HTML 162Page - STMicroelectronics ST7LITE39 Datasheet HTML 163Page - STMicroelectronics ST7LITE39 Datasheet HTML 164Page - STMicroelectronics ST7LITE39 Datasheet HTML 165Page - STMicroelectronics ST7LITE39 Datasheet HTML 166Page - STMicroelectronics ST7LITE39 Datasheet HTML 167Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 163 / 167 page
background image
ST7LITE3
163/167
16 KNOWN LIMITATIONS
16.1
CLEARING
ACTIVE
INTERRUPTS
OUTSIDE INTERRUPT ROUTINE
When an active interrupt request occurs at the
same time as the related flag or interrupt mask is
being cleared, the CC register may be corrupted.
Concurrent interrupt context
The symptom does not occur when the interrupts
are handled normally, i.e. when:
– The interrupt request is cleared (flag reset or in-
terrupt mask) within its own interrupt routine
– The interrupt request is cleared (flag reset or in-
terrupt mask) within any interrupt routine
– The interrupt request is cleared (flag reset or in-
terrupt mask) in any part of the code while this in-
terrupt is disabled
If these conditions are not met, the symptom can
be avoided by implementing the following se-
quence:
Perform SIM and RIM operation before and after
resetting an active interrupt request
Ex:
SIM
reset flag or interrupt mask
RIM
16.2 LINSCI LIMITATIONS
16.2.1 LINSCI wrong break duration
SCI Mode
A single break character is sent by setting and re-
setting the SBK bit in the SCICR2 register. In
some cases, the break character may have a long-
er duration than expected:
- 20 bits instead of 10 bits if M=0
- 22 bits instead of 11 bits if M=1.
In the same way, as long as the SBK bit is set,
break characters are sent to the TDO pin. This
may lead to generate one break more than expect-
ed.
Occurrence
The occurrence of the problem is random and pro-
portional to the baudrate. With a transmit frequen-
cy
of
19200
baud
(fCPU=8MHz and SCI-
BRR=0xC9), the wrong break duration occurrence
is around 1%.
Workaround
If this wrong duration is not compliant with the
communication protocol in the application, soft-
ware can request that an Idle line be generated
before the break character. In this case, the break
duration is always correct assuming the applica-
tion is not doing anything between the idle and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com