Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE39 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 159Page - STMicroelectronics ST7LITE39 Datasheet HTML 160Page - STMicroelectronics ST7LITE39 Datasheet HTML 161Page - STMicroelectronics ST7LITE39 Datasheet HTML 162Page - STMicroelectronics ST7LITE39 Datasheet HTML 163Page - STMicroelectronics ST7LITE39 Datasheet HTML 164Page - STMicroelectronics ST7LITE39 Datasheet HTML 165Page - STMicroelectronics ST7LITE39 Datasheet HTML 166Page - STMicroelectronics ST7LITE39 Datasheet HTML 167Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 165 / 167 page
background image
ST7LITE3
165/167
IMPORTANT NOTES (Cont’d)
Impact on application
Software may execute the interrupt routine twice
after header reception.
Moreover, in reception mode, as the receiver is no
longer in mute mode, an interrupt will be generat-
ed on each data byte reception.
Workaround
The problem can be detected in the LINSCI inter-
rupt routine. In case of timeout error (LHE is set
and LHLR is loaded with 00h), the software can
check the RWU bit in the SCICR2 register. If RWU
is cleared, it can be set by software. Refer to Fig-
ure 108. Workaround is shown in bold characters.
Figure 108. LINSCI Interrupt routine
@interrupt void LINSCI_IT ( void ) /* LINSCI interrupt routine */
{
/* clear flags */
SCISR_buffer = SCISR;
SCIDR_buffer = SCIDR;
if ( SCISR_buffer & LHE )/* header error ? */
{
if (!LHLR)/* header time-out? */
{
if ( !(SCICR2 & RWU) )/* active mode ? */
{
_asm("sim");/* disable interrupts */
SCISR;
SCIDR;/* Clear RDRF flag */
SCICR2 |= RWU;/* set mute mode */
SCISR;
SCIDR;/* Clear RDRF flag */
SCICR2 |= RWU;/* set mute mode */
_asm("rim");/* enable interrupts */
}
}
}
}
Example using Cosmic compiler syntax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com