Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 101 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 101 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 97Page - STMicroelectronics LSM6DSR Datasheet HTML 98Page - STMicroelectronics LSM6DSR Datasheet HTML 99Page - STMicroelectronics LSM6DSR Datasheet HTML 100Page - STMicroelectronics LSM6DSR Datasheet HTML 101Page - STMicroelectronics LSM6DSR Datasheet HTML 102Page - STMicroelectronics LSM6DSR Datasheet HTML 103Page - STMicroelectronics LSM6DSR Datasheet HTML 104Page - STMicroelectronics LSM6DSR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 168 page
background image
11.13
EMB_FUNC_STATUS (12h)
Embedded function status register (r)
Table 202. EMB_FUNC_STATUS register
IS_FSM_LC
0
IS_SIGMOT
IS_TILT
IS_STEP_DET
0
0
0
Table 203. EMB_FUNC_STATUS register description
IS_FSM_LC
Interrupt status bit for FSM long counter timeout interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_SIGMOT
Interrupt status bit for significant motion detection
(1: interrupt detected; 0: no interrupt)
IS_TILT
Interrupt status bit for tilt detection
(1: interrupt detected; 0: no interrupt)
IS_STEP_DET
Interrupt status bit for step detection
(1: interrupt detected; 0: no interrupt)
11.14
FSM_STATUS_A (13h)
Finite State Machine status register (r)
Table 204. FSM_STATUS_A register
IS_FSM8
IS_FSM7
IS_FSM6
IS_FSM5
IS_FSM4
IS_FSM3
IS_FSM2
IS_FSM1
Table 205. FSM_STATUS_A register description
IS_FSM8
Interrupt status bit for FSM8 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM7
Interrupt status bit for FSM7 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM6
Interrupt status bit for FSM6 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM5
Interrupt status bit for FSM5 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM4
Interrupt status bit for FSM4 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM3
Interrupt status bit for FSM3 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM2
Interrupt status bit for FSM2 interrupt event. (1: interrupt detected; 0: no interrupt)
IS_FSM1
Interrupt status bit for FSM1 interrupt event. (1: interrupt detected; 0: no interrupt)
LSM6DSR
EMB_FUNC_STATUS (12h)
DS11976 - Rev 2
page 101/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com