Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 114 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 114 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 110Page - STMicroelectronics LSM6DSR Datasheet HTML 111Page - STMicroelectronics LSM6DSR Datasheet HTML 112Page - STMicroelectronics LSM6DSR Datasheet HTML 113Page - STMicroelectronics LSM6DSR Datasheet HTML 114Page - STMicroelectronics LSM6DSR Datasheet HTML 115Page - STMicroelectronics LSM6DSR Datasheet HTML 116Page - STMicroelectronics LSM6DSR Datasheet HTML 117Page - STMicroelectronics LSM6DSR Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 168 page
background image
11.38
EMB_FUNC_ODR_CFG_B (5Fh)
Finite State Machine output data rate configuration register (r/w)
Table 254. EMB_FUNC_ODR_CFG_B register
0(1)
1(2)
0(1)
FSM_ODR1
FSM_ODR0
0(1)
1(2)
1(2)
1. This bit must be set to '0' for the correct operation of the device.
2. This bit must be set to '1' for the correct operation of the device
Table 255. EMB_FUNC_ODR_CFG_B register description
FSM_ODR[1:0]
Finite State Machine ODR configuration:
(00: 12.5 Hz;
01: 26 Hz (default);
10: 52 Hz;
11: 104 Hz)
LSM6DSR
EMB_FUNC_ODR_CFG_B (5Fh)
DS11976 - Rev 2
page 114/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com