Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 119 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 119 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 115Page - STMicroelectronics LSM6DSR Datasheet HTML 116Page - STMicroelectronics LSM6DSR Datasheet HTML 117Page - STMicroelectronics LSM6DSR Datasheet HTML 118Page - STMicroelectronics LSM6DSR Datasheet HTML 119Page - STMicroelectronics LSM6DSR Datasheet HTML 120Page - STMicroelectronics LSM6DSR Datasheet HTML 121Page - STMicroelectronics LSM6DSR Datasheet HTML 122Page - STMicroelectronics LSM6DSR Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 168 page
background image
Table 267. Register address map - embedded advanced features page 1
Name
Type
Register address
Default
Comment
Hex
Binary
FSM_LC_TIMEOUT_L
RW
7A
01111010
00000000
FSM_LC_TIMEOUT_H
RW
7B
01111011
00000000
FSM_PROGRAMS
RW
7C
01111100
00000000
FSM_START_ADD_L
RW
7E
01111110
00000000
FSM_START_ADD_H
RW
7F
01111111
00000000
PEDO_CMD_REG
RW
83
10000011
00000000
PEDO_DEB_STEPS_CONF
RW
84
10000100
00001010
PEDO_SC_DELTAT_L
RW
D0
11010000
00000000
PEDO_SC_DELTAT_H
RW
D1
11010001
00000000
Registers marked as Reserved must not be changed. Writing to those registers may cause permanent damage to
the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
Write procedure example:
Example: write value 06h register at address 84h (PEDO_DEB_STEPS_CONF) in Page 1
1. Write bit FUNC_CFG_EN = 1
in FUNC_CFG_ACCESS (01h)
// Enable access to embedded functions registers
2. Write bit PAGE_WRITE = 1
in PAGE_RW (17h) register
// Select write operation mode
3. Write 0001 in PAGE_SEL[3:0] field
of register PAGE_SEL (02h)
// Select page 1
4. Write 84h in PAGE_ADDR register (08h)
// Set address
5. Write 06h in PAGE_DATA register (09h)
// Set value to be written
6. Write bit PAGE_WRITE = 0
in PAGE_RW (17h) register
// Write operation disabled
7. Write bit FUNC_CFG_EN = 0
in FUNC_CFG_ACCESS (01h)
// Disable access to embedded functions registers
Read procedure example:
Example: read value of register at address 84h (PEDO_DEB_STEPS_CONF) in Page 1
1. Write bit FUNC_CFG_EN = 1
in FUNC_CFG_ACCESS (01h)
// Enable access to embedded functions registers
2. Write bit PAGE_READ = 1
in PAGE_RW (17h) register
// Select read operation mode
3. Write 0001 in PAGE_SEL[3:0] field
of register PAGE_SEL (02h)
// Select page 1
4. Write 84h in PAGE_ADDR register (08h)
// Set address
5. Read value of PAGE_DATA register (09h)
// Get register value
LSM6DSR
Embedded advanced features pages
DS11976 - Rev 2
page 119/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com