Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 125 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 125 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 121Page - STMicroelectronics LSM6DSR Datasheet HTML 122Page - STMicroelectronics LSM6DSR Datasheet HTML 123Page - STMicroelectronics LSM6DSR Datasheet HTML 124Page - STMicroelectronics LSM6DSR Datasheet HTML 125Page - STMicroelectronics LSM6DSR Datasheet HTML 126Page - STMicroelectronics LSM6DSR Datasheet HTML 127Page - STMicroelectronics LSM6DSR Datasheet HTML 128Page - STMicroelectronics LSM6DSR Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 168 page
background image
13.1.8
MAG_SI_YY_L (CCh) and MAG_SI_YY_H (CDh)
Soft-iron (3x3 symmetric) matrix correction register (r/w).
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 296. MAG_SI_YY_L register
MAG_SI_
YY_7
MAG_SI_
YY_6
MAG_SI_
YY_5
MAG_SI_
YY_4
MAG_SI_
YY_3
MAG_SI_
YY_2
MAG_SI_
YY_1
MAG_SI_
YY_0
Table 297. MAG_SI_YY_L register description
MAG_SI_YY_[7:0]
Soft-iron correction row2 col2 coefficient (LSbyte). Default value: 00000000
Table 298. MAG_SI_YY_H register
MAG_SI_
YY_15
MAG_SI_
YY_14
MAG_SI_
YY_13
MAG_SI_
YY_12
MAG_SI_
YY_11
MAG_SI_
YY_10
MAG_SI_
YY_9
MAG_SI_
YY_8
Table 299. MAG_SI_YY_H register description
MAG_SI_YY_[15:8]
Soft-iron correction row2 col2 coefficient (MSbyte). Default value: 00111100
13.1.9
MAG_SI_YZ_L (CEh) and MAG_SI_YZ_H (CFh)
Soft-iron (3x3 symmetric) matrix correction register (r/w).
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 300. MAG_SI_YZ_L register
MAG_SI_
YZ_7
MAG_SI_
YZ_6
MAG_SI_
YZ_5
MAG_SI_
YZ_4
MAG_SI_
YZ_3
MAG_SI_
YZ_2
MAG_SI_
YZ_1
MAG_SI_
YZ_0
Table 301. MAG_SI_YZ_L register description
MAG_SI_YZ_[7:0]
Soft-iron correction row2 col3 (and row3 col2) coefficient (LSbyte). Default value: 00000000
Table 302. MAG_SI_YZ_H register
MAG_SI_
YZ_15
MAG_SI_
YZ_14
MAG_SI_
YZ_13
MAG_SI_
YZ_12
MAG_SI_
YZ_11
MAG_SI_
YZ_10
MAG_SI_
YZ_9
MAG_SI_
YZ_8
Table 303. MAG_SI_YZ_H register description
MAG_SI_YZ_[15:8]
Soft-iron correction row2 col3 (and row3 col2) coefficient (MSbyte). Default value: 00000000
LSM6DSR
Page 0 - Embedded advanced features registers
DS11976 - Rev 2
page 125/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com