Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 154 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 154 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 150Page - STMicroelectronics LSM6DSR Datasheet HTML 151Page - STMicroelectronics LSM6DSR Datasheet HTML 152Page - STMicroelectronics LSM6DSR Datasheet HTML 153Page - STMicroelectronics LSM6DSR Datasheet HTML 154Page - STMicroelectronics LSM6DSR Datasheet HTML 155Page - STMicroelectronics LSM6DSR Datasheet HTML 156Page - STMicroelectronics LSM6DSR Datasheet HTML 157Page - STMicroelectronics LSM6DSR Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 168 page
background image
9.41
FIFO_STATUS1 (3Ah) ......................................................... 72
9.42
FIFO_STATUS2 (3Bh) ......................................................... 72
9.43
TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h), and TIMESTAMP3 (43h) 73
9.44
TAP_CFG0 (56h).............................................................. 74
9.45
TAP_CFG1 (57h).............................................................. 75
9.46
TAP_CFG2 (58h).............................................................. 75
9.47
TAP_THS_6D (59h) ........................................................... 76
9.48
INT_DUR2 (5Ah) .............................................................. 76
9.49
WAKE_UP_THS (5Bh) ......................................................... 77
9.50
WAKE_UP_DUR (5Ch) ........................................................ 77
9.51
FREE_FALL (5Dh) ............................................................ 78
9.52
MD1_CFG (5Eh) .............................................................. 79
9.53
MD2_CFG (5Fh) .............................................................. 80
9.54
S4S_ST_CMD_CODE (60h) .................................................... 81
9.55
S4S_DT_REG (61h) ........................................................... 81
9.56
I3C_BUS_AVB (62h)........................................................... 81
9.57
INTERNAL_FREQ_FINE (63h) .................................................. 82
9.58
INT_OIS (6Fh) ................................................................ 83
9.59
CTRL1_OIS (70h) ............................................................. 84
9.60
CTRL2_OIS (71h) ............................................................. 85
9.61
CTRL3_OIS (72h) ............................................................. 86
9.62
X_OFS_USR (73h) ............................................................ 87
9.63
Y_OFS_USR (74h) ............................................................ 87
9.64
Z_OFS_USR (75h) ............................................................ 87
9.65
FIFO_DATA_OUT_TAG (78h) ................................................... 88
9.66
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah) ..................... 89
9.67
FIFO_DATA_OUT_Y_L (7Bh) and FIFO_DATA_OUT_Y_H (7Ch) ..................... 89
9.68
FIFO_DATA_OUT_Z_L (7Dh) and FIFO_DATA_OUT_Z_H (7Eh) ..................... 89
10
Embedded functions register mapping ............................................90
11
Embedded functions register description .........................................92
LSM6DSR
Contents
DS11976 - Rev 2
page 154/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com