Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 30 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 26Page - Analog Devices ADPD4100 Datasheet HTML 27Page - Analog Devices ADPD4100 Datasheet HTML 28Page - Analog Devices ADPD4100 Datasheet HTML 29Page - Analog Devices ADPD4100 Datasheet HTML 30Page - Analog Devices ADPD4100 Datasheet HTML 31Page - Analog Devices ADPD4100 Datasheet HTML 32Page - Analog Devices ADPD4100 Datasheet HTML 33Page - Analog Devices ADPD4100 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 30 of 101
Optimizing Position of Integration Sequence
It is critical that the zero crossing of the output response of the
BPF be aligned with the integration sequence such that the
positive integration is aligned with the positive portion of the
BPF output response and the negative integration is aligned with
the negative portion of the BPF output response (see Figure 35).
A simple test to find the zero crossing is to set up the circuit so
that the LED is reflecting off a reflector at a fixed distance from
the photodiode such that a steady dc level of photodiode current
is provided to the ADPD4100/ADPD4101. Monitor the output
while sweeping the integrator offset, INTEG_OFFSET_x,
Bits[12:5], from a low value to a high value in 1 μs steps. The
zero crossing is located when a relative maxima is seen at the
output. The zero crossing can then be identified with much finer
precision by sweeping the INTEG_OFFSET_x, Bits[4:0] in
31.25 ns increments. It is critical to identify the zero crossing in
such a fine precision to achieve the highest SNR performance.
The optimal timing point is a function of TIA bandwidth which
varies with TIA gain. To achieve the maximum SNR at each TIA
gain setting, it is recommended that the user find the optimal
timing point at each TIA gain setting for a given use case.
Because there is minimal device to device variation in this
optimal timing point, that same integrator offset timing for
each gain setting can be used for all devices. To use the same
integrator timing for all TIA gain settings without reoptimizing
for each TIA gain setting, 200 kΩ TIA gain optimal timing must
be used for the other TIA gain settings.
Improving SNR Using Multiple Pulses
The ADPD4100/ADPD4101 use short LED pulses, on the order
of 2 μs or 3 μs. The SNR of a single pulse is approximately 72 dB
to 76 dB, depending on the TIA gain. The SNR can be extended
to ~100 dB by increasing the number of pulses per sample and
filtering to a relevant signal bandwidth, for example, 0.5 Hz to
20 Hz for a heart rate signal. The SNR increases as the square
root of the number of pulses. Thus, for every doubling of pulses,
3 dB of SNR increase is achieved. The number of pulses is
increased with the NUM_REPEAT_x bits. The resulting data
for a particular time slot is the summation of ADC conversions
that are NUM_REPEAT_x times. If the number of bits required
for the result is larger than the number of output bits desired by
the user, the most significant bits of the accumulated values can
be selected by DARK_SHIFT_x, LIT_SHIFT_x, and
SIGNAL_SHIFT_x bits. DARK_SHIFT_x, LIT_SHIFT_x, and
SIGNAL_SHIFT_x shift the output data to the right before
writing to the FIFO. For example, an 18-bit accumulated value
can be shifted to write only the upper 16 bits to the FIFO.
Optionally, 24-bit or 32-bit output can be written to the FIFO.
PRECONDITION
LED
+
–
+
–
INTEGRATOR
SEQUENCE
ADC CHANNEL 1
ADC CHANNEL 2
(IF ENABLED)
START OF TIME SLOT
PRE_WIDTH_x
LED_OFFSET_x
PERIOD
(AUTOMATICALLY CALCULATED)
LED_WIDTH_x
INTEG_OFFSET_x
INTEG_WIDTH_x
ADC CONVERSION(S)
TIA OUTPUT
BPF OUTPUT
INTEGRATOR
OUTPUT
ZERO CROSSING
REPEAT NUM_REPEAT_x TIMES
Figure 35. Single Analog Integration per ADC Conversion with Continuous Connect Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com