Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 97 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 97 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 93Page - Analog Devices ADPD4100 Datasheet HTML 94Page - Analog Devices ADPD4100 Datasheet HTML 95Page - Analog Devices ADPD4100 Datasheet HTML 96Page - Analog Devices ADPD4100 Datasheet HTML 97Page - Analog Devices ADPD4100 Datasheet HTML 98Page - Analog Devices ADPD4100 Datasheet HTML 99Page - Analog Devices ADPD4100 Datasheet HTML 100Page - Analog Devices ADPD4100 Datasheet HTML 101Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 97 of 101
ADC OFFSET REGISTERS
Table 39. ADC Offset Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x010E ADC_OFF1_A [15:14] Reserved
Reserved.
0x0
R
0x012E ADC_OFF1_B [13:0]
CH1_ADC_ADJUST_x Adjustment to ADC value. This value is subtracted from the ADC
value for Channel 1 in Time Slot x. Set to 0 for chop and float modes.
0x0
R/W
0x014E ADC_OFF1_C
0x016E ADC_OFF1_D
0x018E ADC_OFF1_E
0x01AE ADC_OFF1_F
0x01CE ADC_OFF1_G
0x01EE ADC_OFF1_H
0x020E ADC_OFF1_I
0x022E ADC_OFF1_J
0x024E ADC_OFF1_K
0x026E ADC_OFF1_L
0x010F ADC_OFF2_A 15
ZERO_ADJUST_x
0x0
R/W
0x012F ADC_OFF2_B 14
Reserved
Reserved.
0x014F ADC_OFF2_C [13:0]
CH2_ADC_ADJUST_x Adjustment to ADC value. This value is subtracted from the ADC
value for Channel 2 in Time Slot x. Set to 0 for chop and float modes.
0x0
R/W
0x016F ADC_OFF2_D
0x018F ADC_OFF2_E
0x01AF ADC_OFF2_F
0x01CF ADC_OFF2_G
0x01EF ADC_OFF2_H
0x020F ADC_OFF2_I
0x022F ADC_OFF2_J
0x024F ADC_OFF2_K
0x026F ADC_OFF2_L
OUTPUT DATA REGISTERS
Table 40. Output Data Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x002F
FIFO_DATA
[15:0]
FIFO_DATA
FIFO data port
0x0
R
0x0030
SIGNAL1_L_A
[15:0]
SIGNAL1_L_A
Signal Channel 1 lower half, Time Slot A
0x0
R
0x0031
SIGNAL1_H_A
[15:0]
SIGNAL1_H_A
Signal Channel 1 upper half, Time Slot A
0x0
R
0x0032
SIGNAL2_L_A
[15:0]
SIGNAL2_L_A
Signal Channel 2 lower half, Time Slot A
0x0
R
0x0033
SIGNAL2_H_A
[15:0]
SIGNAL2_H_A
Signal Channel 2 upper half, Time Slot A
0x0
R
0x0034
DARK1_L_A
[15:0]
DARK1_L_A
Dark Channel 1 value lower half, Time Slot A
0x0
R
0x0035
DARK1_H_A
[15:0]
DARK1_H_A
Dark Channel 1 value upper half, Time Slot A
0x0
R
0x0036
DARK2_L_A
[15:0]
DARK2_L_A
Dark Channel 2 value lower half, Time Slot A
0x0
R
0x0037
DARK2_H_A
[15:0]
DARK2_H_A
Dark Channel 2 value upper half, Time Slot A
0x0
R
0x0038
SIGNAL1_L_B
[15:0]
SIGNAL1_L_B
Signal Channel 1 lower half, Time Slot B
0x0
R
0x0039
SIGNAL1_H_B
[15:0]
SIGNAL1_H_B
Signal Channel 1 upper half, Time Slot B
0x0
R
0x003A
SIGNAL2_L_B
[15:0]
SIGNAL2_L_B
Signal Channel 2 lower half, Time Slot B
0x0
R
0x003B
SIGNAL2_H_B
[15:0]
SIGNAL2_H_B
Signal Channel 2 upper half, Time Slot B
0x0
R
0x003C
DARK1_L_B
[15:0]
DARK1_L_B
Dark Channel 1 value lower half, Time Slot B
0x0
R
0x003D
DARK1_H_B
[15:0]
DARK1_H_B
Dark Channel 1 value upper half, Time Slot B
0x0
R
0x003E
DARK2_L_B
[15:0]
DARK2_L_B
Dark Channel 2 value lower half, Time Slot B
0x0
R
0x003F
DARK2_H_B
[15:0]
DARK2_H_B
Dark Channel 2 value upper half, Time Slot B
0x0
R
0x0040
SIGNAL1_L_C
[15:0]
SIGNAL1_L_C
Signal Channel 1 lower half, Time Slot C
0x0
R
0x0041
SIGNAL1_H_C
[15:0]
SIGNAL1_H_C
Signal Channel 1 upper half, Time Slot C
0x0
R
0x0042
SIGNAL2_L_C
[15:0]
SIGNAL2_L_C
Signal Channel 2 lower half, Time Slot C
0x0
R
0x0043
SIGNAL2_H_C
[15:0]
SIGNAL2_H_C
Signal Channel 2 upper half, Time Slot C
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com