Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 43 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 39Page - Analog Devices ADPD4100 Datasheet HTML 40Page - Analog Devices ADPD4100 Datasheet HTML 41Page - Analog Devices ADPD4100 Datasheet HTML 42Page - Analog Devices ADPD4100 Datasheet HTML 43Page - Analog Devices ADPD4100 Datasheet HTML 44Page - Analog Devices ADPD4100 Datasheet HTML 45Page - Analog Devices ADPD4100 Datasheet HTML 46Page - Analog Devices ADPD4100 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 43 of 101
Protecting Against TIA Saturation with TIA Ceiling
Detection
While the TIA ADC mode monitoring helps to avoid
saturation, there may be cases where the voltage at the output
terminals of the TIA may exceed the typical operation levels
that ensure no current saturation for some amount of time
while the actual measurement is in the process. If the current
fed into the inputs of the TIA is high enough, it could result in
exceeding the typical operating points of TIA depending on the
TIA gain and the TIA reference voltage settings. In this case,
measurements can be distorted or may not be done. High levels
of photodiode current or high levels of ambient current may
cause the output voltages of the TIA to go above a limit that is
close to saturation.
The ADPD4100/ADPD4101 have a TIA ceiling detection
feature that uses voltage comparators at the outputs of the TIA
stage to detect whether the TIA output voltage exceeds a certain
range. This range ensures the TIA output to be far enough from
the ceiling of the total TIA range by some margin. Therefore, if
the TIA output voltage exceeds the range even for a small amount
of time, the user is informed about the status of voltage at the
TIA outputs and can take action to avoid a possible saturation.
Voltage comparators compare the positive and negative output
terminals to a certain threshold voltage, which sets the effective
TIA output voltage range, and send an output bit indicating
whether the TIA output voltage is beyond the range.
To enable this feature, TIA_CEIL_DETECT_EN_x must be set
to 1. Each time slot has its own TIA_CEIL_DETECT_EN_x bit
that can be controlled individually. The feature is turned on for
Channel 1, and Channel 2 if Channel 2 is also enabled within
the time slot. When the comparators are enabled, the TIA ceiling
detection information is latched onto the INT_TCLN1_x bits in
Register 0x0004 for Channel 1 and INT_TCLN2_x bits in
Register 0x0005 for Channel 2 separately for each time slot. The
interrupt output turns to 1 if either output exceeds the threshold
voltage.
Figure 50 illustrates the internal circuitry for TIA ceiling
detection. VTIAO+ and VTIAO− represent the positive and negative
outputs of the TIA, respectively, and VTH is the threshold voltage
that the TIA output voltages are being compared to.
INT_TCLN1_x
(INT_TCLN2_x FOR CHANNEL 2)
TIA_CEIL_DETECT_EN_x
VTH
VTIAO+
VTH
VTIAO–
Figure 50. Schematic of TIA Ceiling Detection Circuit
Due to different TIA reference voltage settings and different
TIA gains, different amounts of input current can result in
exceeding the threshold. Higher TIA reference voltage
(TIA_VREF) and lower TIA gain increase the input current
level at which the TIA output voltage exceeds the threshold
voltage and, therefore, increase the range in terms of current.
Table 26 shows the typical input current needed to trigger TIA
ceiling detection for different TIA gain and different TIA_VREF
while using 2 µs LED pulses in continuous connect mode.
Table 26. Typical Input Currents to Trigger TIA Ceiling
Detection
TIA Gain
(kΩ)
Input Current (µA) at
TIA_VREF = 0.9 V
Input Current (µA) at
TIA_VREF = 1.3 V
25
21.9
33.6
50
10.6
16.7
100
5.2
8.4
200
2.6
4.2
Figure 51 illustrates the trigger points for TIA ceiling detection
with respect to different TIA_VREF values. Trigger points for
different TIA gains can be found in Table 26.
0,0
TIA _VREF = 1.3V
TIA _VREF = 0.9V
INPUT CURRENT (µA)
TIA OUTPUT VOLTAGE (V)
Figure 51. Illustration of Trigger Points for TIA Ceiling Detection for TIA_VREF = 0.9 V and TIA_VREF = 1.3 V, Points Marked by Black Crosses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com