Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 48 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 44Page - Analog Devices ADPD4100 Datasheet HTML 45Page - Analog Devices ADPD4100 Datasheet HTML 46Page - Analog Devices ADPD4100 Datasheet HTML 47Page - Analog Devices ADPD4100 Datasheet HTML 48Page - Analog Devices ADPD4100 Datasheet HTML 49Page - Analog Devices ADPD4100 Datasheet HTML 50Page - Analog Devices ADPD4100 Datasheet HTML 51Page - Analog Devices ADPD4100 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 48 of 101
Table 28. Relevant Register Settings to Handle Different DC Offset Voltage Levels in ECG Measurements
Time Slot A Register Address1
Bit Field Name
Description
0x0100, Bits[11:10]
INPUT_R_SELECT_x
Set to 0x0 for 500 Ω series input resistor. Set to 0x1 for 6500 Ω series input
resistor.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain.
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats.
1 This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location for
SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.
The following configuration enables low dc offset ECG
measurement in Time Slot A and three-electrode lead off
detection in Time Slot B:
# ADPD4100 ECG Measurement with small DC
offset in Timeslot A and Three-Electrode
Lead-Off Measurement in Timeslot B
0009 0080
# 32MHz oscillator trim
000B 02B2
# 1MHz oscillator trim
000D 0D05
# Sampling rate 300 Hz
000F 0006
# 1MHz low frequency oscillator
0010 0100
# Timeslot A and B enabled
0020 2200
# Float input 1&2 and 3&4
during sleep
0021 0001
# IN1/IN2 configured as a
differential pair
# Timeslot configuration #
# ADPD4100 ECG Measurement with small DC
offset
0100 0000
# Input resistor 500 Ω
0101 00E6
# skip preconditioning,
bandpass filter bypassed
0102 0007
# IN1&IN2 differential pair to
channel 1
0103 0000
# float during preconditioning
0104 02C1
# TIA gain 100k, TIA_VREF =
0.88V
0105 0000
# LEDs off
0106 0000
# LEDs off
0107 0102
# 2 pulses
0108 1000
# float mode, minimum period
010A 0203
# Integrator pulse width,
bandpass filter powered down
010B 01A0
# Integrator pulse timing
offset
010C 0210
# Modulation pulse width and
offset
010D 0000
# Chopping mode disabled
010E 0000
# no ADC offset
010F 0000
# no ADC offset
0110 0003
# Configure number of bytes
written to the registers
# Timeslot B – Three-Electrode Lead-Off
Detection on IN3/4
0120 4000
# CH2 active
0121 40DA
# 8 µs preconditioning, TIA-
BPF-INT-ADC
0122 0050
# IN3 to CH1, IN4 to CH2
0123 5A45
# Precondition to TIA_VREF,
pulse VC2_VREF by 215 mV
0124 E212
# 50k TIA GAIN both channels,
TIA_VREF=0.88V
0125 0000
# LEDs off
0126 0000
# LEDs off
0127 0110
# 16 pulses, single
integration
0128 0000
# continuous TIA connection
012A 0003
# Integrator pulse width
012B 0216
# Integrator pulse timing
offset
012C 0210
# Modulation pulse width and
offset
012D 0000
# Integrator chopping off
012E 0000
# No ADC Offset
012F 0000
# No ADC Offset
0130 0003
# Configure number of bytes
written to the registers
Two-Electrode Lead Off Measurement
This measurement method can detect the lead off condition
without requiring a third electrode at the expense of not being
able to differentiate if one electrode or both electrodes have lost
contact with skin. Two-electrode lead off measurement is useful
in cases where either a separate electrode is not available, a
smaller form factor with less components is desired, or the
power requirement is tighter because power consumption of
two-electrode lead off measurement is lower. In two-electrode
lead off measurement, the stimulus from an unused VCx pin to
the body can be provided through one of the ECG electrodes.
Only one separate input is used to detect the lead off condition
through the impedance measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com