Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 89 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 85Page - Analog Devices ADPD4100 Datasheet HTML 86Page - Analog Devices ADPD4100 Datasheet HTML 87Page - Analog Devices ADPD4100 Datasheet HTML 88Page - Analog Devices ADPD4100 Datasheet HTML 89Page - Analog Devices ADPD4100 Datasheet HTML 90Page - Analog Devices ADPD4100 Datasheet HTML 91Page - Analog Devices ADPD4100 Datasheet HTML 92Page - Analog Devices ADPD4100 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 89 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access
0x00B4 IO_ADJUST [15:7]
Reserved
Reserved.
0x000 R
6
LOW_IOVDD_EN
Set to 0x0 if IOVDD of 3 V or higher is used. Default value of 0x1
used for IOVDD is lower than 3 V, because the typical value of
IOVDD is 1.8 V.
0x1
R/W
[5:4]
Reserved
Set to 0x01.
0x01
R/W
[3:2]
SPI_SLEW
Slew control for SPI pins.
0x0
R/W
0: slowest.
1: slow.
10: fastest.
11: fast.
[1:0]
SPI_DRV
Drive control for SPI pins.
0x0
R/W
0: medium.
1: weak.
10: strong.
11: strong.
TIME SLOT CONFIGURATION REGISTERS
Table 36. Time Slot Configuration Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0100 TS_CTRL_A
15
SUBSAMPLE_x
Subsample using DECIMATE_FACTOR_x. When this bit is
set, operate the selected time slot only once per
(DECIMATE_FACTOR_x + 1) time slot sequences.
0x0
R/W
0x0120 TS_CTRL_B
0x0140 TS_CTRL_C
0x0160 TS_CTRL_D
14
CH2_EN_x
Channel 2 enable.
0x0
R/W
0x0180 TS_CTRL_E
0: Channel 2 disabled.
0x01A0 TS_CTRL_F
1: Channel 2 enabled.
0x01C0 TS_CTRL_G
[13:12] SAMPLE_TYPE_x
Time Slot x sampling type.
0x0
R/W
0x01E0 TS_CTRL_H
00: standard sampling modes.
0x0200 TS_CTRL_I
01: one-region digital integration mode.
0x0220 TS_CTRL_J
10: two-region digital integration mode.
0x0240 TS_CTRL_K
11: impulse response mode.
0x0260 TS_CTRL_L
[11:10] INPUT_R_SELECT_x
Input resistor (RIN) select.
0x0
R/W
00: 500 Ω.
01: 6.5 kΩ.
10: reserved.
11: reserved.
[9:0]
TIMESLOT_OFFSET_x Time Slot x offset in 64 × the number of 1 MHz low
frequency oscillator cycles or 2 × the number of 32 kHz
low frequency oscillator cycles.
0x0
R/W
0x0101 TS_PATH_A
[15:12] PRE_WIDTH_x
Preconditioning duration for Time Slot x. This value is in
2 μs increments. A value of 0 skips the preconditioning
state. Default is 8 μs.
0x4
R/W
0x0121 TS_PATH_B
0x0141 TS_PATH_C
0x0161 TS_PATH_D
[11:10] Reserved
Write 0x0.
0x0
R
0x0181 TS_PATH_E
9
TS_GPIO_x
Time slot specific value for Time Slot x. When GPIOOUTx is
set to 0x10 and TS_GPIO_x is set to 1, the GPIO selected
by GPIOOUTx outputs a 1 while the time slot selected by
TS_GPIO_x is active. The GPIO returns to the
TS_GPIO_SLEEP value at the end of the time slot.
0x0
R/W
0x01A1 TS_PATH_F
0x01C1 TS_PATH_G
0x01E1 TS_PATH_H
0x0201 TS_PATH_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com