Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 92 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 88Page - Analog Devices ADPD4100 Datasheet HTML 89Page - Analog Devices ADPD4100 Datasheet HTML 90Page - Analog Devices ADPD4100 Datasheet HTML 91Page - Analog Devices ADPD4100 Datasheet HTML 92Page - Analog Devices ADPD4100 Datasheet HTML 93Page - Analog Devices ADPD4100 Datasheet HTML 94Page - Analog Devices ADPD4100 Datasheet HTML 95Page - Analog Devices ADPD4100 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 92 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0104 AFE_TRIM_A
15
TIA_CEIL_DETECT_
Set to 1 to enable TIA ceiling detection circuitry. Enables
Channel 1 TIA ceiling detection circuitry and Channel 2
TIA ceiling detection circuitry if Channel 2 is also enabled.
0x0
R/W
0x0124 AFE_TRIM_B
EN_x
0x0144 AFE_TRIM_C
0x0164 AFE_TRIM_D
[14:13] CH2_TRIM_INT_x
Set the integrator input resistor when AFE_INT_C_BUF_x = 0. 0x0
R/W
0x0184 AFE_TRIM_E
Set the buffer gain when AFE_INT_C_BUF_x = 1
0x01A4 AFE_TRIM_F
AFE_INT_C_BUF_x = 0
AFE_INT_C_BUF_x = 1
0x01C4 AFE_TRIM_G
00: 400 kΩ.
00: gain = 1.
0x01E4 AFE_TRIM_H
01: 200 kΩ.
01: gain = 1.
0x0204 AFE_TRIM_I
10: 100 kΩ.
10: gain = 0.7.
0x0224 AFE_TRIM_J
11: 100 kΩ.
11: gain = 0.7.
0x0244 AFE_TRIM_K
[12:11] CH1_TRIM_INT_x
Set the integrator input resistor when AFE_INT_C_BUF_x = 0. 0x0
R/W
0x0264 AFE_TRIM_L
Set the buffer gain when AFE_INT_C_BUF_x = 1 or in
digital integration mode.
AFE_INT_C_BUF_x = 0
AFE_INT_C_BUF_x = 1
00: 400 kΩ.
00: gain = 1.
01: 200 kΩ.
01: gain = 1.
10: 100 kΩ.
10: gain = 0.7.
11: 100 kΩ.
11: gain = 0.7.
10
VREF_PULSE_x
TIA_VREF pulse control.
0x0
R/W
0: no pulsing.
1: pulse TIA_VREF based on modulation pulse.
[9:8]
AFE_TRIM_VREF_x
Voltage select for TIA_VREF.
0x3
R/W
00: TIA_VREF = 1.1385 V.
01: TIA_VREF = 1.012 V.
10: TIA_VREF = 0.8855 V.
11: TIA_VREF = 1.265 V.
[7:6]
VREF_PULSE_VAL_x
TIA_VREF pulse alternate value.
0x3
R/W
00: modulate TIA_VREF = 1.1385 V.
01: modulate TIA_VREF = 1.012 V.
10: modulate TIA_VREF = 0.8855 V.
11: modulate TIA_VREF = 1.265 V.
[5:3]
TIA_GAIN_CH2_x
TIA resistor gain setting for Channel 2.
0x0
R/W
000: 200 kΩ.
001: 100 kΩ.
010: 50 kΩ.
011: 25 kΩ.
100: 12.5 kΩ.
[2:0]
TIA_GAIN_CH1_x
TIA resistor gain setting for Channel 1.
0x0
R/W
000: 200 kΩ.
001: 100 kΩ.
010: 50 kΩ.
011: 25 kΩ.
100: 12.5 kΩ.
0x010D PATTERN_A
[15:12] LED_DISABLE_x
Four-pulse LED disable pattern. Set to 1 to disable the LED
pulse in the matching position in a group of four pulses.
The LSB maps to the first pulse.
0x0
R/W
0x012D PATTERN_B
0x014D PATTERN_C
0x016D PATTERN_D
[11:8]
MOD_DISABLE_x
Four-pulse modulation disable pattern. Set to 1 to disable
the modulation pulse in the matching position in a group
of four pulses. The LSB maps to the first pulse.
0x0
R/W
0x018D PATTERN_E
0x01AD PATTERN_F
0x01CD PATTERN_G
[7:4]
SUBTRACT_x
Four-pulse subtract pattern. Set to 1 to negate the math
operation in the matching position in a group of four
pulses. The LSB maps to the first pulse.
0x0
R/W
0x01ED PATTERN_H
0x020D PATTERN_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com