Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 41 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 37Page - Analog Devices ADPD4100 Datasheet HTML 38Page - Analog Devices ADPD4100 Datasheet HTML 39Page - Analog Devices ADPD4100 Datasheet HTML 40Page - Analog Devices ADPD4100 Datasheet HTML 41Page - Analog Devices ADPD4100 Datasheet HTML 42Page - Analog Devices ADPD4100 Datasheet HTML 43Page - Analog Devices ADPD4100 Datasheet HTML 44Page - Analog Devices ADPD4100 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 41 of 101
Table 24. Relevant Settings for Digital Integration Modes
Group
Time Slot A
Register Address1
Bit Field Name
Description
Signal Path
Setup
0x0100, Bits[13:12]
SAMPLE_TYPE_x
Set to 0x1 for one-region digital integration mode. Set to 0x2 for
two-region digital integration mode.
0x0101, Bits[8:0]
AFE_PATH_CFG_x
Set to 0x0E6 for TIA, integrator, and ADC. Bypass BPF. Integrator
is automatically configured as a buffer when one-region or two-
region digital integration mode is selected.
0x0102, Bits[15:0]
INPxx_x
Enable desired inputs.
0x0103, Bits[14:12]
PRECON_x
Set to 0x5 to precondition anode of photodiode to TIA_VREF.
0x0103, Bits[7:6], Bits[1:0]
VCx_SELECT_x
Set to 0x2 to set ~215 mV reverse bias across photodiode.
0x0104, Bits[5:0]
TIA_GAIN_CHx_x
Select TIA gain.
0x0104, Bits[9:8]
AFE_TRIM_VREF_x
Set to 0x3 to set TIA_VREF = 1.265 V.
0x0104, Bits[12:11]
CH1_TRIM_INT_x
Set to 0x0 or 0x1 to set buffer gain = 1.
0x010A, Bit 11
AFE_INT_C_BUF_x
Set to 1 to convert integrator to buffer.
0x010A, Bits[10:8]
CH1_AMP_DISABLE_x
Set 0x010A, Bit 9 to 1 to power down BPF.
Timing
0x0107, Bits[15:8]
NUM_INT_x
Set to the number of desired ADC conversions in the dark and lit
regions.
0x0107, Bits[7:0]
NUM_REPEAT_x
Number of sequence repeats.
0x0108, Bits[9:0]
MIN_PERIOD_x
Set the period. Automatic period calculation is not supported in
digital integration mode.
0x0113, Bits[8:0]
LIT_OFFSET_x
Set to the time of the first ADC conversion in the lit region.
0x0114, Bits[6:0]
DARK1_OFFSET_x
Set to the time of the first ADC conversion in the Dark 1 region.
0x0114, Bits[15:7]
DARK2_OFFSET_x
Set to the time of the first ADC conversion in the Dark 2 region.
Only used in two-region digital integration mode.
LED Settings
0x0105, Bit 15 and Bit 7;
0x0106, Bit 15 and Bit 7
LED_DRIVESIDEx_x
Select LED for time slot used.
0x0105, Bits[14:8], Bits[6:0];
0x0106, Bits[14:8], Bits[6:0]
LED_CURRENTx_x
Set LED current for selected LED.
0x0109, Bits[7:0]
LED_OFFSET_x
Sets start time of first LED pulse in 1 μs increments.
0x0109, Bits[15:8]
LED_WIDTH_x
Sets width of LED pulse in 1 μs increments.
1
This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location for
SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.
Timing Recommendations for Digital Integration Modes
When setting the timing for digital integration mode, it is
important to place the ADC samples such that the signal being
sampled is given time to settle prior to the sample being taken.
Settling time of the input signal is affected by photodiode
capacitance and TIA settling time. Figure 48 shows an example
of proper placement of the ADC sampling edges. Calculations
for the offset values are as follows:
DARK1_OFFSET_x = (LED_OFFSET_x – (NUM_INT_x + 2))
Add a value of 2 to the number of ADC conversions such that
there is 2 μs of margin added to placement of the Dark 1 region
samples with respect to the beginning of the LED pulse.
LIT_OFFSET_x = (LED_OFFSET_x + tD)
where tD is the delay built into the offset setting to allow settling
time of the signal. This value must be characterized in the final
application. A value in the range of 3 µs to 5 µs is typically
recommended as the tD value.
DARK2_OFFSET_x = (LED_OFFSET_x + LED_WIDTH_x + tD)
This setting only applies to two-region digital integration mode.
TIA
OUTPUT
LED
OUTPUT
ADC
SAMPLES
LED_OFFSET_x
LED_WIDTH_x
DARK1_OFFSET_x
LIT_OFFSET_x
tD
tD
DARK2_OFFSET_x
Figure 48. Proper Placement of ADC Sampling Edges in Digital Integration Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com