Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 50 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 46Page - Analog Devices ADPD4100 Datasheet HTML 47Page - Analog Devices ADPD4100 Datasheet HTML 48Page - Analog Devices ADPD4100 Datasheet HTML 49Page - Analog Devices ADPD4100 Datasheet HTML 50Page - Analog Devices ADPD4100 Datasheet HTML 51Page - Analog Devices ADPD4100 Datasheet HTML 52Page - Analog Devices ADPD4100 Datasheet HTML 53Page - Analog Devices ADPD4100 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 50 of 101
0110 0003
# Configure number of bytes
written to the registers
# Timeslot B – Two-Electrode Lead-Off
Detection on IN3
0120 0000
# 1 channel enabled
0121 40DA
# 8us precondition, TIA-BPF-
INT-ADC
0122 0010
# IN3 to CH1, IN4
disconnected
0123 5A45
# Precondition to TIA_VREF,
pulse VC2_VREF by 215 mV
0124 E212
# 50 k
Ω TIA GAIN both
channels, TIA_VREF=0.88V
0125 0000
# LEDs off
0126 0000
# LEDs off
0127 0110
# 16 pulses, single
integration
0128 0000
# continuous TIA connection
012A 0003
# Integrator pulse width
012B 0216
# Integrator pulse timing
offset
012C 0210
# Modulation pulse width and
offset
012D 0000
# Integrator chopping off
012E 0000
# No ADC Offset
012F 0000
# No ADC Offset
0130 0003
# Configure number of bytes
written to the registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com