Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 88 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 84Page - Analog Devices ADPD4100 Datasheet HTML 85Page - Analog Devices ADPD4100 Datasheet HTML 86Page - Analog Devices ADPD4100 Datasheet HTML 87Page - Analog Devices ADPD4100 Datasheet HTML 88Page - Analog Devices ADPD4100 Datasheet HTML 89Page - Analog Devices ADPD4100 Datasheet HTML 90Page - Analog Devices ADPD4100 Datasheet HTML 91Page - Analog Devices ADPD4100 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 88 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access
0x4A: Time Slot K modulation pulse.
0x4B: Time Slot L modulation pulse.
0x4F: any time slot modulation pulse.
0x50: output data cycle occurred in Time Slot A, which is useful
when synchronizing an external device to a decimated data rate
from the ADPD4100/ADPD4101.
0x51: output data cycle occurred in Time Slot B.
0x52: output data cycle occurred in Time Slot C.
0x53: output data cycle occurred in Time Slot D.
0x54: output data cycle occurred in Time Slot E.
0x55: output data cycle occurred in Time Slot F.
0x56: output data cycle occurred in Time Slot G.
0x57: output data cycle occurred in Time Slot H.
0x58: output data cycle occurred in Time Slot I.
0x59: output data cycle occurred in Time Slot J.
0x5A: output data cycle occurred in Time Slot K.
0x5B: output data cycle occurred in Time Slot L.
0x5F: output data cycle occurred in any time slot.
7
Reserved
Reserved.
0x0
R
[6:0]
GPIOOUT0
GPIO0 output signal select. Options are identical to those
described in GPIOOUT1.
0x0
R/W
0x0024 GPIO23
15
Reserved
Reserved.
0x0
R
[14:8]
GPIOOUT3
GPIO3 output signal select. Options are identical to those
described in GPIOOUT1.
0x0
R/W
7
Reserved
Reserved.
0x0
R
[6:0]
GPIOOUT2
GPIO2 output signal select. Options are identical to those
described in GPIOOUT1.
0x0
R/W
0x0025 GPIO_IN
[15:4]
Reserved
Reserved.
0x0
R
[3:0]
GPIO_INPUT
GPIO input value (if enabled). Read back the value present on any
GPIO enabled as an input. Bit 0 is GPIO1, Bit 1 is GPIO1, Bit 2 is
GPIO2, and Bit 3 is GPIO3.
0x0
R
0x0026 GPIO_EXT
[15:9]
Reserved
Reserved.
0x0
R
8
TS_GPIO_SLEEP
When GPIOOUTx is set to 0x10, the GPIO returns to the
TS_GPIO_SLEEP value at the end of the time slot and during sleep.
0x0
R/W
7
TIMESTAMP_INV
Time stamp trigger invert.
0x0
R/W
0: time stamp trigger is rising edge.
1: time stamp trigger is falling edge.
6
TIMESTAMP_ALWAYS_EN Enable time stamp always on. When set, do not automatically
clear CAPTURE_TIMESTAMP. This bit provides an always activated
time stamp.
0x0
R/W
[5:4]
TIMESTAMP_GPIO
Time stamp GPIO select.
0x0
R/W
0x0: use GPIO0 for time stamp (default).
0x1: use GPIO1 for time stamp.
0x2: use GPIO2 for time stamp.
0x3: use GPIO3 for time stamp
3
Reserved
Reserved.
0x0
R/W
2
EXT_SYNC_EN
External sync enable. When enabled, use the GPIO selected by
EXT_SYNC_GPIO to trigger samples rather than the period
counter.
0x0
R/W
[1:0]
EXT_SYNC_GPIO
External synchronization GPIO select.
0x0
R/W
00: use GPIO0 for external synchronization
01: use GPIO1 for external synchronization.
10: use GPIO2 for external synchronization.
11: use GPIO3 for external synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com