Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 26 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 22Page - Analog Devices ADPD4100 Datasheet HTML 23Page - Analog Devices ADPD4100 Datasheet HTML 24Page - Analog Devices ADPD4100 Datasheet HTML 25Page - Analog Devices ADPD4100 Datasheet HTML 26Page - Analog Devices ADPD4100 Datasheet HTML 27Page - Analog Devices ADPD4100 Datasheet HTML 28Page - Analog Devices ADPD4100 Datasheet HTML 29Page - Analog Devices ADPD4100 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 26 of 101
SPI and I2C Interface
The ADPD4100 contains a SPI port, and the ADPD4101
contains an I2C interface. The SPI and I2C interfaces operate
synchronously with their respective input clocks and require no
internal clocks to operate.
The ADPD4100/ADPD4101 have an internal power-on reset
circuit that sets the device into a known idle state during the
initial power-up. After the power-on reset is released,
approximately 2 μs to 6 μs after the DVDDx supply is active, the
device can be read and written through the SPI or I2C interface.
The registers are accessed using addresses within a 15-bit
address space. Each address references a 15-bit register with one
address reserved for the FIFO read accesses. For both the I2C
and SPI interfaces, reads and writes auto-increment to the next
register if additional words are accessed as part of the same
access sequence. This automatic address increment occurs for
all addresses except the FIFO address, one less than the FIFO
address and the last used address, which is 0x277. Reads from
the FIFO address continue to access the next byte from the FIFO.
SPI Operations
The SPI single register write operation is shown in Figure 26.
The first two bytes contain the 15-bit register address and specifies
that a write is requested. The remaining two bytes are the 16 data
bits to write to the register. The register write occurs only when
all 16 bits are shifted in prior to deassertion of the CS signal.
In addition, multiple registers can be written if additional 16-bit
data is shifted in before deassertion of the CS signal. The
register address automatically increments to the next register
after each 16 bits of data.
The SPI single register read operation is shown in Figure 27.
The first two bytes contain the 15-bit register address and
specifies that a read is requested. Register bits are shifted out
starting with the MSB. In addition, multiple registers can be
read if additional 16-bit data is shifted out prior to deassertion
of the CS signal.
It is recommended that reading from the FIFO is performed
byte wise. There is no requirement to read multiples of 16 bits.
I2C Operations
The ADPD4101 supports fast-mode plus (see the I2C
specification from NXP for more information).
The I2C operations require addressing the device as well as
choosing the register that is being read or written. An I2C
register write is shown in Figure 28 and Figure 29. The SDA pin
is bidirectional and open drain, where different bit times are
driven in a predetermined way by the master or the slave. The
ADPD4101 acts as a slave on the I2C bus. Start and stop bit
operations are shown as S and P in Figure 28 and Figure 29. The
I2C port supports both 7-bit and 15-bit addresses. If accessing
Address 0x007F or lower, a 7-bit address can be used. If the first
address bit after the slave address acknowledge (ACK) is a 0, a
7-bit address is used, as shown in the short read and write
operations (see Figure 28 to Figure 31). If the first bit after a
slave address acknowledge is 1, a 15-bit address is used as
shown in the long read and write operations (see Figure 32 and
Figure 33).
Figure 28 shows the first half of the short register write operation.
The first byte indicates that the ADPD4101 is being addressed
with a write operation. The ADPD4101 indicates that it has
been addressed by driving an acknowledge. The next byte
operation is a write of the address of the register to be written.
The MSB is the L/S bit (long/short). When this bit is low, a 7-bit
address follows. If the L/S bit is high, a 15-bit address follows.
The ADPD4101 sends an acknowledge following the register
address.
SCLK
CS
MOSI
A14
A13
A12
A11
A10
A9A8A7A6A5A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9D8D7D6D5
D4
D3
D2
D1
D0
Wr
Figure 26. SPI Write Operation
SCLK
MOSI
MISO
A14
A13
A12
A11
A10
A9A8A7A6A5A4
A3
A2
A1
A0
D14
D15
D13
D12
D11
D10
D9
D8
D7
D6
D5D4D3D2D1D0
Rd
CS
Figure 27. SPI Read Operation
MEANS DRIVEN BY ADPD4101
SCL
SDA
GRAY BACKGROUND
S
SLVA6
SLVA5
SLVA4
SLVA3
SLVA2
SLVA1
SLVA
WRITE
ACK
A6
A5
A4
A3
A2
A1
A0
ACK
D15
L/S
Figure 28. I2C Short Write First Half
SCL
D15
D14
D13
D12
D11
D10
D9
D8
ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
P
SDA
Figure 29. I2C Short Write Second Half



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com