Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 47 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 43Page - Analog Devices ADPD4100 Datasheet HTML 44Page - Analog Devices ADPD4100 Datasheet HTML 45Page - Analog Devices ADPD4100 Datasheet HTML 46Page - Analog Devices ADPD4100 Datasheet HTML 47Page - Analog Devices ADPD4100 Datasheet HTML 48Page - Analog Devices ADPD4100 Datasheet HTML 49Page - Analog Devices ADPD4100 Datasheet HTML 50Page - Analog Devices ADPD4100 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 47 of 101
Improving SNR with Integrator Chopping in ECG
Measurements
Integrator chopping can also improve SNR in ECG measurements
with the sleep float mode by eliminating low frequency noise
content. The procedure to enable integrator chop mode is the
same as explained previously in the Improving SNR Using
Integrator Chopping section. However, ECG measurements
with integrator chopping require additional considerations. The
sign of the dc offset voltages in Figure 52 can be positive or
negative. When the sign of the net dc offset voltage is negative,
integrator chop mode can result in clipping of the ECG signal.
To prevent clipping of the ECG signal, lit data must be used.
Figure 23 shows the datapath. In Figure 23, lit and dark values
can be optionally written to FIFO. This option allows the use of
negative signal values by writing both lit and dark values to the
FIFO, and the user can perform a signed subtract in external
processing of the data to calculate the signal value. Therefore,
integrator chopping can be used regardless of the sign of net dc
offset voltage.
Lead Off Detection
To perform a lead off detection measurement, the ADPD4100/
ADPD4101 measure the impedance of the electrode skin
contacts to determine whether one or more of the electrodes are
not making contact with the skin. Lead off measurement can be
performed in two different ways based on the number of
electrodes used.
Three-Electrode Lead Off Measurement
The three-electrode configuration requires a third electrode
connected to an unused VCx pin to provide a stimulus to the
body. The RC network of the ECG measurement is bypassed by
wiring the electrodes directly to a separate set of inputs through
25 kΩ resistors. The response from the stimulus is measured
from this separate set of inputs. Three-electrode lead off
measurement is capable of determining which electrode is loose
or has lost the contact with the skin. Figure 54 shows the circuit
for the three-electrode lead off detection measurement. RBODY is
the resistance of the body.
CH2
CH1
IN1
IN2
IN4
470pF
VC2
VC2
ADPD4100/
ADPD4101
500kΩ
500kΩ
25kΩ
25kΩ
IN3
25kΩ
RBODY
RBODY
RBODY
E1
E2
E3
47pF
47pF
47pF
Figure 54. Circuit Used for Three-Electrode Lead Off Detection Measurement
ECG and three-electrode lead off detection are measured as
follows:
1. ECG is measured in Time Slot A as defined in the ECG
Measurement with the ADPD4100/ADPD4101 section.
2. Lead off detection of the ECG electrodes is taken in
Time Slot B by making simultaneous single-ended
impedance measurements of ECG Electrode 1 (E1) and
Electrode 2 (E2) into Channel 1 and Channel 2, respectively.
When both ECG electrodes, E1 and E2, are making contact
with the skin during the measurement, an ECG signal is visible.
The impedance measurements of the E1 and E2 electrodes have
some readout indicating that contact is being made with the
skin and current is flowing into the ADPD4100/ADPD4101
through the body of low impedance when the stimulus is
applied. When either ECG electrode stops making contact with
the skin or is loose, there is no ECG signal in the acquired trace.
When contact between both electrodes and the skin is restored,
the ECG signal appears immediately. Because two inputs and
two channels are allocated to detect leadoff condition for two
electrodes, this measurement method can determine if one
electrode loses contact with skin or both electrodes lose contact.
This measurement can also detect which one of the electrodes
loses contact with skin if only one electrode loses contact.
Figure 55 illustrates a representation of ADC output changes in
different cases for leadoff condition. In Figure 55, before
Time tA, both ECG electrodes make contact with the skin. At
Time tA, E1 is disconnected from the skin. The time between tA
and tB shows the case where only E1 is disconnected from the
skin. At Time tB, E1 starts to make contact with skin and output
of the two channels go to their initial levels. At Time tC, only E2
is disconnected from the skin and it stays disconnected until
Time tD. At Time tE, E2 starts making contact with the skin
again. At Time tE, both E1 and E2 are disconnected from the
skin, and they stay disconnected until Time tF. At Time tF, both
E1 and E2 start making contact with the skin. Therefore, lead
off condition is detected in all electrode connection cases, and
three-electrode lead off measurement detects and distinguishes
all the different cases. The level of actual ADC outputs
associated with Channel 1 and Channel 2 may differ because
the type and placement of the electrodes may be different in
each case, and RBODY differs from person to person, which
affects the amount of current that each channel receives.
TIME
tA
tB
tC
tD
tE
tF
CHANNEL 2
CHANNEL 1
Figure 55. Graph of Three-Electrode Lead Off Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com