Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 2Page - Analog Devices ADPD4100 Datasheet HTML 3Page - Analog Devices ADPD4100 Datasheet HTML 4Page - Analog Devices ADPD4100 Datasheet HTML 5Page - Analog Devices ADPD4100 Datasheet HTML 6Page - Analog Devices ADPD4100 Datasheet HTML 7Page - Analog Devices ADPD4100 Datasheet HTML 8Page - Analog Devices ADPD4100 Datasheet HTML 9Page - Analog Devices ADPD4100 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 6 of 101
DIGITAL SPECIFICATIONS
IOVDD = 1.7 V to 3.6 V, unless otherwise noted.
Table 5. Digital Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS
Input Voltage Level
SCL, SDA
High
VIH
0.7 × IOVDD
3.6
V
Low
VIL
−0.3
+0.3 × IOVDD
V
GPIOx, MISO, MOSI, SCLK, CS
High
VIH
0.7 × IOVDD
IOVDD + 0.3
V
Low
VIL
−0.3
+0.3 × IOVDD
V
Input Current Level
All logic inputs
High
IIH
10
µA
Low
IIL
−10
µA
Input Capacitance
CIN
2
pF
LOGIC OUTPUTS
Output Voltage Level
GPIOx, MISO
High
VOH
2 mA high level output current
IOVDD – 0.5
V
Low
VOL
2 mA low level output current
0.5
V
SDA
Low
VOL1
3 mA low level output current
0.4
V
Output Current Level
SDA
Low
IOL
VOL1 = 0.4 V
20
mA
TIMING SPECIFICATIONS
Table 6. I2C Timing Specifications for the ADPD4101
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
TIMING REQUIREMENTS
See Figure 2
I2C Port1
SCL
Frequency
1
Mbps
Minimum Pulse Width
High
t1
260
ns
Low
t2
500
ns
Start Condition
Hold Time
t3
260
ns
Setup Time
t4
260
ns
SDA
Hold Time2
t5
0
Setup Time
t6
50
ns
SCL and SDA
Rise Time
t7
120
ns
Fall Time
t8
120
ns
Stop Condition
Setup Time
t9
260
ns
1
Guaranteed by design.
2
Both timing requirement and switching characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com