Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 27 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 23Page - Analog Devices ADPD4100 Datasheet HTML 24Page - Analog Devices ADPD4100 Datasheet HTML 25Page - Analog Devices ADPD4100 Datasheet HTML 26Page - Analog Devices ADPD4100 Datasheet HTML 27Page - Analog Devices ADPD4100 Datasheet HTML 28Page - Analog Devices ADPD4100 Datasheet HTML 29Page - Analog Devices ADPD4100 Datasheet HTML 30Page - Analog Devices ADPD4100 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 27 of 101
The rest of the write operation is shown in Figure 29, which
shows the two data bytes that are written to the 16-bit register.
Registers are written only when all 16 bits are shifted in before a
stop bit occurs. The ADPD4101 sends an acknowledge for each
byte received. Additional pairs of byte operations can be repeated
prior to the stop bit occurring. The address auto-increments
after each complete write. Register writes occur only after each
pair of bytes is written.
The I2C short read operations are shown in Figure 30 and
Figure 31. Like the write operation, the first byte pair selects the
ADPD4101 and specifies the register address (with the L/S bit
low) to read from.
Figure 31 shows the rest of the read operation. This sequence
starts with a start bit, selects the ADPD4101, and indicates that
a read operation follows. The ADPD4101 sends an acknowledge
to indicate data to be sent. The ADPD4101 then shifts out the
register read data one byte at a time. The host acknowledges
each byte after it is sent by the ADPD4101, if additional bytes
are to be read. The same address incrementing is used for reads
as well.
To read multiple bytes from the FIFO or from sequential
registers, simply repeat the middle byte operation as shown in
Figure 31.
The first portion of a long write operation is shown in Figure 32.
The second half of the long write is the same as for the short
write, as shown in Figure 29.
The first half of a long read operation is shown in Figure 33.
The second half is the same as shown in Figure 31.
SCL
S SLVA6 SLVA5 SLVA4 SLVA3 SLVA2 SLVA1
SLVA
WRITE
ACK
L/S
A6
A5
A4
A3
A2
A1
A0
ACK
SDA
Figure 30. I2C Short Read First Half
SCL
S SLVA6 SLVA5 SLVA4 SLVA3 SLVA2 SLVA1 SLVA0 READ ACK
D15
D14
D13
D12
D11
D10
D9
D8
ACK
D7
D6
D5
D4
D3
D2
D1
D0
NACK
P
SDA
Figure 31. I2C Short Read Second Half
SCL
SDA
S SLVA6 SLVA5 SLVA4 SLVA3 SLVA2 SLVA1 SLVA0 WRITE ACK
L/S
A14
A13
A12
A11
A10
A9
A8
ACK
A7
A6
A5
A4
A3
A2
A1
A0
ACK D15
Figure 32. I2C Long Write First Half
SCL
SDA
S SLVA6 SLVA5 SLVA4 SLVA3 SLVA2 SLVA1 SLVA0 WRITE
ACK
L/S
A14
A13
A12
A11
A10
A9
A8
ACK
A7
A6
A5
A4
A3
A2
A1
A0
ACK
Figure 33. I2C Long Read First Half



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com