Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 71 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 67Page - Analog Devices ADPD4100 Datasheet HTML 68Page - Analog Devices ADPD4100 Datasheet HTML 69Page - Analog Devices ADPD4100 Datasheet HTML 70Page - Analog Devices ADPD4100 Datasheet HTML 71Page - Analog Devices ADPD4100 Datasheet HTML 72Page - Analog Devices ADPD4100 Datasheet HTML 73Page - Analog Devices ADPD4100 Datasheet HTML 74Page - Analog Devices ADPD4100 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 71 of 101
Addr
Name
Bits
Bit Name
Description
Reset
Access
[7:1]
Reserved
Reserved.
0x0
R
0
OP_MODE
Operating mode selection.
0x0
R/W
0: standby.
1: go mode. Operate selected time slots.
0x0020 INPUT_SLEEP [15:12] INP_SLEEP_78
Input pair sleep state for IN7 and IN8 inputs.
0x0
R/W
0x0: both inputs float.
0x1: floating short of IN7 to IN8. Only if PAIR78 is set to 1.
0x2: IN7 and IN8 connected to VC1. Also shorted together if PAIR78
is set to 1.
0x3: IN7 and IN8 connected to VC2. Also shorted together if PAIR78
is set to 1.
0x4: IN7 connected to VC1. IN8 floating.
0x5: IN7 connected to VC1. IN8 connected to VC2.
0x6: IN7 connected to VC2. IN8 floating.
0x7: IN7 connected to VC2. IN8 connected to VC1.
0x8: IN7 floating. IN8 connected to VC1.
0x9: IN7 floating. IN8 connected to VC2.
[11:8]
INP_SLEEP_56
Input pair sleep state for IN5 and IN6 inputs.
0x0
R/W
0x0: both inputs float.
0x1: floating short of IN5 to IN6. Only if PAIR56 is set to 1.
0x2: IN5 and IN6 connected to VC1. Also shorted together if PAIR56
is set to 1.
0x3: IN5 and IN6 connected to VC2. Also shorted together if PAIR56
is set to 1.
0x4: IN5 connected to VC1. IN6 floating.
0x5: IN5 connected to VC1. IN6 connected to VC2.
0x6: IN5 connected to VC2. IN6 floating.
0x7: IN5 connected to VC2. IN6 connected to VC1.
0x8: IN5 floating. IN6 connected to VC1.
0x9: IN5 floating. IN6 connected to VC2.
[7:4]
INP_SLEEP_34
Input pair sleep state for IN3 and IN4 inputs.
0x0
R/W
0x0: both inputs float.
0x1: floating short of IN3 to IN4. Only if PAIR34 is set to 1.
0x2: IN3 and IN4 connected to VC1. Also shorted together if PAIR34
is set to 1.
0x3: IN3 and IN4 connected to VC2. Also shorted together if PAIR34
is set to 1.
0x4: IN3 connected to VC1. IN4 floating.
0x5: IN3 connected to VC1. IN4 connected to VC2.
0x6: IN3 connected to VC2. IN4 floating.
0x7: IN3 connected to VC2. IN4 connected to VC1.
0x8: IN3 floating. IN4 connected to VC1.
0x9: IN3 floating. IN4 connected to VC2.
[3:0]
INP_SLEEP_12
Input pair sleep state for IN1 and IN2 inputs.
0x0
R/W
0x0: both inputs float.
0x1: floating short of IN1 to IN2. Only if PAIR12 is set to 1.
0x2: IN1 and IN2 connected to VC1. Also shorted together if PAIR12
is set to 1.
0x3: IN1 and IN2 connected to VC2. Also shorted together if PAIR12
is set to 1.
0x4: IN1 connected to VC1. IN2 floating.
0x5: IN1 connected to VC1. IN2 connected to VC2.
0x6: IN1 connected to VC2. IN2 floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com