Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 4 Page - Analog Devices

  ADPD4100 Datasheet HTML 1Page - Analog Devices ADPD4100 Datasheet HTML 2Page - Analog Devices ADPD4100 Datasheet HTML 3Page - Analog Devices ADPD4100 Datasheet HTML 4Page - Analog Devices ADPD4100 Datasheet HTML 5Page - Analog Devices ADPD4100 Datasheet HTML 6Page - Analog Devices ADPD4100 Datasheet HTML 7Page - Analog Devices ADPD4100 Datasheet HTML 8Page - Analog Devices ADPD4100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 4 of 101
PERFORMANCE SPECIFICATIONS
AVDD = DVDDx = IOVDD = 1.8 V, TA = full operating temperature range, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DATA ACQUISITION
Datapath Width
32
Bits
FIRST IN, FIRST OUT (FIFO) SIZE
512
Bytes
LED DRIVER
LED Peak Current per Driver
LED pulse enabled
1.5
200
mA
LED Peak Current, Total
Using multiple LED drivers simultaneously
400
mA
Driver Compliance Voltage
For any LED driver output at LED_CURRENTx_x = 0x7F
300
mV
LEDxx Pin Voltage1
3.6
V
Highest LED Peak Current per Driver2
For any LED driver at LED_CURRENTx_x = 0x7F
176
200
208
mA
LED PERIOD
AFE width = 4 µs3
11
µs
AFE width = 3 µs
9
µs
SAMPLING RATE4
Single time slot, four data bytes to FIFO, 2 µs LED pulse
0.004
9000
Hz
OSCILLATOR DRIFT
32 kHz Oscillator
Percent variation from 25°C to 85°C
6
%
Percent variation from +25°C to −40°C
−8.5
%
1 MHz Oscillator
Percent variation from 25°C to 85°C
3
%
Percent variation from +25°C to −40°C
−4
%
32 MHz Oscillator
Percent Variation from 25°C to 85°C
1
%
Percent Variation from +25°C to −40°C
−1.5
%
1
LEDxx refers to LED1A, LED2A, LED3A, LED4A, LED1B, LED2B, LED3B, and LED4B.
2
The maximum value in this specification is the maximum value at LED driver current setting = 0x7F on LED Driver LED1A, and the minimum value in this specification
is the minimum value at LED driver current setting = 0x7F on LED Driver LED4B. Typically, the LED peak current is the highest on LED1A and the lowest on LED4B,
while the rest of the drivers fall in between, and the LED peak current of the LEDxA drivers are higher than that of LEDxB drivers of the same number. For example, the
LED peak current of LED3A is higher than that of LED3B.
3
Minimum LED period = (2 × AFE width) + 3 µs.
4
The maximum value in this specification is the internal ADC sampling rate using the internal 1 MHz state machine clock. The I2C and SPI read rates in some
configurations may limit the ODR.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TRANSIMPEDANCE AMPLIFIER (TIA) GAIN
12.5
200
PULSED SIGNAL CONVERSIONS, 3 μs LED
PULSE
4 μs integration width, continuous connect mode
ADC Resolution1
TIA feedback resistor
12.5 kΩ
6.2
nA/LSB
25 kΩ
3.1
nA/LSB
50 kΩ
1.5
nA/LSB
100 kΩ
0.77
nA/LSB
200 kΩ
0.38
nA/LSB
ADC Saturation Level2
TIA feedback resistor
12.5 kΩ
50
μA
25 kΩ
25
μA
50 kΩ
12.5
μA
100 kΩ
6.22
μA
200 kΩ
3.11
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com