Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 93 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 89Page - Analog Devices ADPD4100 Datasheet HTML 90Page - Analog Devices ADPD4100 Datasheet HTML 91Page - Analog Devices ADPD4100 Datasheet HTML 92Page - Analog Devices ADPD4100 Datasheet HTML 93Page - Analog Devices ADPD4100 Datasheet HTML 94Page - Analog Devices ADPD4100 Datasheet HTML 95Page - Analog Devices ADPD4100 Datasheet HTML 96Page - Analog Devices ADPD4100 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 93 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access
0x022D PATTERN_J
[3:0]
REVERSE_INTEG_x
Four-pulse integration reverse pattern. Set to 1 to reverse
the integrator positive/negative pulse order in the
matching position in a group of four pulses. The LSB maps
to the first pulse.
0x0
R/W
0x024D PATTERN_K
0x026D PATTERN_L
0x0110 DATA_FORMAT_A
[15:11] DARK_SHIFT_x
Number of bits to shift the dark data to the right before
writing to the FIFO for Time Slot x. Selectable between
0 bits and 32 bits.
0x0
R/W
0x0130 DATA_FORMAT_B
0x0150 DATA_FORMAT_C
0x0170 DATA_FORMAT_D
[10:8]
DARK_SIZE_x
Number of bytes of dark data to be written to the FIFO for
Time Slot x. Selectable between 0 bytes and 4 bytes.
0x0
R/W
0x0190 DATA_FORMAT_E
0x01B0 DATA_FORMAT_F
[7:3]
SIGNAL_SHIFT_x
Number of bits to shift the signal data to the right before
writing to the FIFO for Time Slot x. Selectable between
0 bits and 32 bits.
0x0
R/W
0x01D0 DATA_FORMAT_G
0x01F0 DATA_FORMAT_H
0x0210 DATA_FORMAT_I
[2:0]
SIGNAL_SIZE_x
Number of bytes of signal data to be written to the FIFO
for Time Slot x. Selectable between 0 bytes and 4 bytes.
0x3
R/W
0x0230 DATA_FORMAT_J
0x0250 DATA_FORMAT_K
0x0270 DATA_FORMAT_L
0x0111 LIT_DATA_FORMAT_A [15:8]
Reserved
Reserved
0x0
R/W
0x0131 LIT_DATA_FORMAT_B [7:3]
LIT_SHIFT_x
Number of bits to shift the lit data to the right before
writing to the FIFO for Time Slot x. Selectable between
0 bits and 32 bits.
0x0
R/W
0x0151 LIT_DATA_FORMAT_C
0x0171 LIT_DATA_FORMAT_D
0x0191 LIT_DATA_FORMAT_E [2:0]
LIT_SIZE_x
Number of bytes of lit data to be written to the FIFO for
Time Slot x. Selectable between 0 bytes and 4 bytes.
0x3
R/W
0x01B1 LIT_DATA_FORMAT_F
0x01D1 LIT_DATA_FORMAT_G
0x01F1 LIT_DATA_FORMAT_H
0x0211 LIT_DATA_FORMAT_I
0x0231 LIT_DATA_FORMAT_J
0x0251 LIT_DATA_FORMAT_K
0x0271 LIT_DATA_FORMAT_L
0x0112 DECIMATE_A
[15:11] Reserved
Write 0x0.
0x0
R
0x0132 DECIMATE_B
[10:4]
DECIMATE_FACTOR_x Decimate sample divider. Output data rate is sample
rate ÷ (DECIMATE_FACTOR_x + 1). Decimate by 1 to 128.
0x0
R/W
0x0152 DECIMATE_C
0x0172 DECIMATE_D
[3:0]
DECIMATE_TYPE_x
Decimation type select.
0x0
R/W
0x0192 DECIMATE_E
0: block sum, CIC first order.
0x01B2 DECIMATE_F
1: signal uses CIC second order.
0x01D2 DECIMATE_G
10: signal uses CIC third order.
0x01F2 DECIMATE_H
11: signal uses CIC fourth order.
0x0212 DECIMATE_I
100: reserved.
0x0232 DECIMATE_J
0x0252 DECIMATE_K
0x0272 DECIMATE_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com