Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100 Datasheet(PDF) 87 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 83Page - Analog Devices ADPD4100 Datasheet HTML 84Page - Analog Devices ADPD4100 Datasheet HTML 85Page - Analog Devices ADPD4100 Datasheet HTML 86Page - Analog Devices ADPD4100 Datasheet HTML 87Page - Analog Devices ADPD4100 Datasheet HTML 88Page - Analog Devices ADPD4100 Datasheet HTML 89Page - Analog Devices ADPD4100 Datasheet HTML 90Page - Analog Devices ADPD4100 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 87 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0023 GPIO01
15
Reserved
Reserved.
0x0
R
[14:8]
GPIOOUT1
GPIO1 output signal select.
0x0
R/W
0x00: Output Logic 0.
0x01: Output Logic 1.
0x02: Interrupt X.
0x03: Interrupt Y.
0x08: LED1x amplifier enable
0x09: LED2x amplifier enable
0x0A: LED3x amplifier enable
0x0B: LED4x amplifier enable
0x0C: Any LED amplifier enable
0x0F: 32 MHz oscillator output divided by 64 (500 kHz).
0x10: time slot specific output pattern defined by TS_GPIO_x and
TS_GPIO_SLEEP bits.
0x11: in sleep state.
0x16: low frequency oscillator output.
0x17: 32 MHz oscillator output.
0x18: 32 MHz oscillator output divided by 32 (1 MHz).
0x20: Time Slot A active.
0x21: Time Slot B active.
0x22: Time Slot C active.
0x23: Time Slot D active.
0x24: Time Slot E active.
0x25: Time Slot F active.
0x26: Time Slot G active.
0x27: Time Slot H active.
0x28: Time Slot I active.
0x29: Time Slot J active.
0x2A: Time Slot K active.
0x2B: Time Slot L active.
0x30: Time Slot A LED pulse.
0x31: Time Slot B LED pulse.
0x32: Time Slot C LED pulse.
0x33: Time Slot D LED pulse.
0x34: Time Slot E LED pulse.
0x35: Time Slot F LED pulse.
0x36: Time Slot G LED pulse.
0x37: Time Slot H LED pulse.
0x38: Time Slot I LED pulse.
0x39: Time Slot J LED pulse.
0x3A: Time Slot K LED pulse.
0x3B: Time Slot L LED pulse.
0x3F: any time slot LED pulse.
0x40: Time Slot A modulation pulse.
0x41: Time Slot B modulation pulse.
0x42: Time Slot C modulation pulse.
0x43: Time Slot D modulation pulse.
0x44: Time Slot E modulation pulse.
0x45: Time Slot F modulation pulse.
0x46: Time Slot G modulation pulse.
0x47: Time Slot H modulation pulse.
0x48: Time Slot I modulation pulse.
0x49: Time Slot J modulation pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com